Electronic Components Datasheet Search
  English  ▼

X  

LM3528 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3528
Description  High Efficiency, Multi Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3528 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3528 Datasheet HTML 3Page - Texas Instruments LM3528 Datasheet HTML 4Page - Texas Instruments LM3528 Datasheet HTML 5Page - Texas Instruments LM3528 Datasheet HTML 6Page - Texas Instruments LM3528 Datasheet HTML 7Page - Texas Instruments LM3528 Datasheet HTML 8Page - Texas Instruments LM3528 Datasheet HTML 9Page - Texas Instruments LM3528 Datasheet HTML 10Page - Texas Instruments LM3528 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LM3528
www.ti.com
SNVS513B – AUGUST 2008 – REVISED MAY 2013
Typical Performance Characteristics (continued)
VIN = 3.6V, LEDs are Nichia (NSSW008C), COUT = 1µF (LED Mode), COUT = 2.2µF (OLED Mode), CIN = 1µF, L = TDK
VLF4012AT-100MR79, (RL = 0.3Ω), RSET = 12.1kΩ, UNI = '1', ILED = ISUB + IMAIN, TA = +25°C unless otherwise specified.
18V OLED Efficiency
12V OLED Efficiency
vs
vs
IOUT
IOUT
Figure 11.
Figure 12.
LED Line Regulation
OLED Line Regulation
(UNI = '0')
IOLED = 60mA
Figure 13.
Figure 14.
OLED Line Regulation
OLED Load Regulation
IOLED = 60mA
VOLED = 18V
Figure 15.
Figure 16.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3528



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com