Electronic Components Datasheet Search
  English  ▼

X  

LM3528 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3528
Description  High Efficiency, Multi Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3528 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3528 Datasheet HTML 13Page - Texas Instruments LM3528 Datasheet HTML 14Page - Texas Instruments LM3528 Datasheet HTML 15Page - Texas Instruments LM3528 Datasheet HTML 16Page - Texas Instruments LM3528 Datasheet HTML 17Page - Texas Instruments LM3528 Datasheet HTML 18Page - Texas Instruments LM3528 Datasheet HTML 19Page - Texas Instruments LM3528 Datasheet HTML 20Page - Texas Instruments LM3528 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
ILED_MAX = 192 u
RSET
1.244V
ENM
Bit 0
ENS
Bit 1
UNI
Bit 2
RMP0
Bit 3
RMP1
Bit 4
OLED
Bit 5
1
Bit 7
1
Bit 6
MSB
LSB
General Purpose Register
Register Address 0x10
LM3528
www.ti.com
SNVS513B – AUGUST 2008 – REVISED MAY 2013
Figure 41. General Purpose Register Description
Table 2. General Purpose Register Bit Function
Bit
Name
Function
Power-On-
Value
0
ENM
Enable MAIN. Writing a 1 to this bit enables the main current sink (MAIN). Writing a 0 to this bit
0
disables the main current sink and forces MAIN high impedance.
1
ENS
Enable SUB/FB. Writing a 1 to this bit enables the secondary current sink (SUB/FB). Writing a 0 to
0
this bit disables the secondary current sink and forces SUB/FB high impedance.
2
UNI
Unison Mode Select. Writing a 1 to this bit disables the BSUB register and causes the contents of
0
BMAIN to set the current in both the MAIN and SUB/FB current sinks. Writing a 0 to this bit allows the
current into MAIN and SUB/FB to be independently controlled via the BMAIN and BSUB registers
respectively.
3
RMP0
Brightness Rate of Change. Bits RMP0 and RMP1 set the rate of change of the LED current into
0
MAIN and SUB/FB in response to changes in the contents of registers BMAIN and BSUB (see
4
RMP1
0
Brightness Rate of Change Description).
5
OLED
OLED = 0 places the LM3528 in White LED mode. In this mode both the MAIN and SUB/FB current
0
sinks are active. The boost converter ensures there is at least 500mV at VMAIN and VSUB/FB. OLED =
1 places the LM3528 in OLED mode. In this mode the boost converter regulates VSUB/FB to 1.244V.
VMAIN is unregulated and must be > 400mV for the MAIN current sink to maintain current regulation.
6
Don't Care
These are non-functional read only bits. They will always read back as a 1.
1
7
Table 3. Operational Truth Table
UNI
OLED
ENM
ENS
Result
X
0
0
0
LM3528 Disabled
1
0
1
X
MAIN and SUB/FB current sinks enabled. Current levels set by contents
of BMAIN.
1
0
0
X
MAIN and SUB/FB Disabled
0
0
0
1
SUB/FB current sink enabled. Current level set by BSUB.
0
0
1
0
MAIN current sink enabled. Current level set by BMAIN.
0
0
1
1
MAIN and SUB/FB current sinks enabled. Current levels set by contents
of BMAIN and BSUB respectively.
X
1
1
X
SUB/FB current sink disabled (SUB/FB configured as a feedback pin).
MAIN current sink enabled current level set by BMAIN.
X
1
0
X
SUB/FB current sink disabled (SUB/FB configured as a feedback pin).
MAIN current sink disabled.
* ENM ,ENS, or OLED high enables analog circuitry.
Brightness Registers (BMAIN and BSUB)
With the UNI bit (General Purpose register) set to 0 (Non-Unison mode) both brightness registers (BMAIN and
BSUB) independently control the LED currents IMAIN and ISUB/FB respectively. BMAIN and BSUB are both 8 bit,
but with only the 7 LSB’s controlling the current. The MSB’s is a don’t care. The LED current control is designed
to approximate an exponentially increasing response of the LED current vs increasing code in either BMAIN or
BSUB (see Figure 44). Program ILED_MAX by connecting a resistor (RSET) from SET to GND, where:
(2)
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3528



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com