Electronic Components Datasheet Search
  English  ▼

X  

LM3528 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3528
Description  High Efficiency, Multi Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3528 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3528 Datasheet HTML 7Page - Texas Instruments LM3528 Datasheet HTML 8Page - Texas Instruments LM3528 Datasheet HTML 9Page - Texas Instruments LM3528 Datasheet HTML 10Page - Texas Instruments LM3528 Datasheet HTML 11Page - Texas Instruments LM3528 Datasheet HTML 12Page - Texas Instruments LM3528 Datasheet HTML 13Page - Texas Instruments LM3528 Datasheet HTML 14Page - Texas Instruments LM3528 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LM3528
www.ti.com
SNVS513B – AUGUST 2008 – REVISED MAY 2013
Typical Performance Characteristics (continued)
VIN = 3.6V, LEDs are Nichia (NSSW008C), COUT = 1µF (LED Mode), COUT = 2.2µF (OLED Mode), CIN = 1µF, L = TDK
VLF4012AT-100MR79, (RL = 0.3Ω), RSET = 12.1kΩ, UNI = '1', ILED = ISUB + IMAIN, TA = +25°C unless otherwise specified.
GPIO1 Functionality
Ramp Rate Functionality
(GPIO1 Configured as OUTPUT, fSCL = 360kHz)
(RMP1, RMP0 = '11')
Channel 2: GPIO (2V/div)
Channel 1:SDA (2V/div)
Channel 1: SCL (5V/div)
Channel 4: ISUB (10mA/div)
Channel 1:SDA (5V/div)
Channel 3: ISUB (10mA/div)
Time Base: 40µs/div
Time Base: 400ms/div
Figure 35.
Figure 36.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3528



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com