Electronic Components Datasheet Search
  English  ▼

X  

LM3528 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3528
Description  High Efficiency, Multi Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3528 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3528 Datasheet HTML 2Page - Texas Instruments LM3528 Datasheet HTML 3Page - Texas Instruments LM3528 Datasheet HTML 4Page - Texas Instruments LM3528 Datasheet HTML 5Page - Texas Instruments LM3528 Datasheet HTML 6Page - Texas Instruments LM3528 Datasheet HTML 7Page - Texas Instruments LM3528 Datasheet HTML 8Page - Texas Instruments LM3528 Datasheet HTML 9Page - Texas Instruments LM3528 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LM3528
SNVS513B – AUGUST 2008 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
VIN = 3.6V, LEDs are Nichia (NSSW008C), COUT = 1µF (LED Mode), COUT = 2.2µF (OLED Mode), CIN = 1µF, L = TDK
VLF4012AT-100MR79, (RL = 0.3Ω), RSET = 12.1kΩ, UNI = '1', ILED = ISUB + IMAIN, TA = +25°C unless otherwise specified.
2x6 LED Efficiency
2x5 LED Efficiency
vs
vs
ILED
ILED
(2 Strings of 6LEDs)
(2 Strings of 5LEDs)
Figure 5.
Figure 6.
2x4 LED Efficiency
2x3 LED Efficiency
vs
vs
ILED
ILED
(2 Strings of 4LEDs)
(2 Strings of 3LEDs)
Figure 7.
Figure 8.
LED Efficiency
2x2 LED Efficiency
vs
vs
VIN
ILED
(L = TDK VLF3012AT-100MR92, RL = 0.36Ω, ISUB + IMAIN =
(2 Strings of 2LEDs)
40mA)
Figure 9.
Figure 10.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3528



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com