Electronic Components Datasheet Search
  English  ▼

X  

LM3528 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3528
Description  High Efficiency, Multi Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3528 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3528 Datasheet HTML 8Page - Texas Instruments LM3528 Datasheet HTML 9Page - Texas Instruments LM3528 Datasheet HTML 10Page - Texas Instruments LM3528 Datasheet HTML 11Page - Texas Instruments LM3528 Datasheet HTML 12Page - Texas Instruments LM3528 Datasheet HTML 13Page - Texas Instruments LM3528 Datasheet HTML 14Page - Texas Instruments LM3528 Datasheet HTML 15Page - Texas Instruments LM3528 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
I
2C/
CONTROL
MIN
¦
gm
R
S
R
R
R
R
Osc/
Ramp
Thermal
shutdown
Light
Load
OVP
Over
Current
Protection
RZ
CC
Driver
ISUB/FB
IMAIN
0.5:
S0
S1
S0
S1
SOFT START
OLED
OLED
5 BIT
CONTROL
1.244V
HWEN/PGEN/GPIO
VIO
SCL
SDA
SET
GND
SUB/FB
MAIN
IN
OVP
SW
500 mV
1.2V
+
-
ILED_MAX =
1.244V
RSET
ERROR
AMP
5 BIT
CONTROL
192
GPIO
LM3528
SNVS513B – AUGUST 2008 – REVISED MAY 2013
www.ti.com
BLOCK DIAGRAM
Figure 37. LM3528 Block Diagram
OPERATION DESCRIPTION
The LM3528 Current Mode PWM boost converter operates from a 2.7V to 5.5V input and provides two regulated
outputs for White LED and OLED display biasing. The first output, MAIN, provides a constant current of up to
30mA to bias up to 6 series white LED’s. The second output, SUB/FB, can be configured as a current source for
up to 6 series white LED’s at up to 30mA, or as a feedback voltage pin to regulate a constant output voltage of
up to 21V. When both MAIN and SUB/FB are configured for white LED bias the current for each LED string is
controlled independently or in unison via an I2C-compatible interface. When MAIN is configured for white LED
bias and SUB/FB is configured as a feedback voltage pin, the current into MAIN is controlled via the I2C-
compatible interface and SUB/FB becomes the middle tap of a resistive divider used to regulate the output
voltage of the boost converter.
The core of the LM3528 is a Current Mode Boost converter. Operation is as follows. At the start of each
switching cycle the internal oscillator sets the PWM converter. The converter turns the NMOS switch on, allowing
the inductor current to ramp while the output capacitor supplies power to the white LED’s and/or OLED panel.
The error signal at the output of the error amplifier is compared against the sensed inductor current. When the
sensed inductor current equals the error signal, or when the maximum duty cycle is reached, the NMOS switch
turns off causing the external Schottky diode to pick up the inductor current. This allows the inductor current to
ramp down causing its stored energy to charge the output capacitor and supply power to the load. At the end of
the clock period the PWM controller is again set and the process repeats itself.
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3528



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com