Electronic Components Datasheet Search
  English  ▼

X  

PCI4510 Datasheet(PDF) 43 Page - Texas Instruments

Part # PCI4510
Description  PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4510 Datasheet(HTML) 43 Page - Texas Instruments

Back Button PCI4510 Datasheet HTML 39Page - Texas Instruments PCI4510 Datasheet HTML 40Page - Texas Instruments PCI4510 Datasheet HTML 41Page - Texas Instruments PCI4510 Datasheet HTML 42Page - Texas Instruments PCI4510 Datasheet HTML 43Page - Texas Instruments PCI4510 Datasheet HTML 44Page - Texas Instruments PCI4510 Datasheet HTML 45Page - Texas Instruments PCI4510 Datasheet HTML 46Page - Texas Instruments PCI4510 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 220 page
background image
2−25
Table 2−18. Power Supply Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
RGVF
I/O
DESCRIPTION
ANALOGGND
83
90
97
U11
R12
R13
N12
U14
U16
−
Analog circuit ground terminals.
ANALOGVCC
85
93
98
R11
U13
U14
R13
R14
V17
−
Analog circuit power terminals. A parallel combination of high frequency decoupling
capacitors near each terminal is suggested, such as 0.1
µF and 0.001 µF. Lower frequency
10-
µF filtering capacitors are also recommended. These supply terminals are separated
from PLLVCC and PLLGND internal to the device to provide noise isolation. They must be
tied at a low-impedance point on the circuit board.
PLLGND
108
N14
P14
−
PLL circuit ground terminals. This terminal must be tied to the low-impedance circuit board
ground plane.
PLLVCC
107
P15
V19
−
PLL circuit power terminals. A parallel combination of high frequency decoupling capacitors
near the terminal is suggested, such as 0.1
µF and 0.001 µF. Lower frequency 10-µF
filtering capacitors are also recommended. This supply terminal is separated from AVDx
internal to the device to provide noise isolation. It must be tied at a low-impedance point on
the circuit board.
Table 2−19. Smart Card and Memory Card Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
RGVF
I/O
DESCRIPTION
MC_RSVD
113, 115, 116,
117, 118, 119,
120, 121, 122
N15, M14, N17,
N18, N19, M15,
M17, M18, M19
H07, G05, G03,
H03, G02, J06,
H05, F03, G01
−
Memory card terminals. Reserved for future use. These ter-
minals must be left unconnected.
SC_RSVD
196, 197, 198,
199, 200, 201,
202
A06, B06, B07,
C06, C07, E07,
F07
J01, J02, J03,
J05, J07, K01,
K02
−
Smart card terminals. Reserved for future use. These termi-
nals must be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com