Electronic Components Datasheet Search
  English  ▼

X  

PCI4510 Datasheet(PDF) 29 Page - Texas Instruments

Part # PCI4510
Description  PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4510 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCI4510 Datasheet HTML 25Page - Texas Instruments PCI4510 Datasheet HTML 26Page - Texas Instruments PCI4510 Datasheet HTML 27Page - Texas Instruments PCI4510 Datasheet HTML 28Page - Texas Instruments PCI4510 Datasheet HTML 29Page - Texas Instruments PCI4510 Datasheet HTML 30Page - Texas Instruments PCI4510 Datasheet HTML 31Page - Texas Instruments PCI4510 Datasheet HTML 32Page - Texas Instruments PCI4510 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 220 page
background image
2−11
Table 2−4. CardBus PC Card Signal Names Sorted Alphabetically
SIGNAL NAME
TERMINAL NUMBER
SIGNAL NAME
TERMINAL NUMBER
SIGNAL NAME
TERMINAL NUMBER
SIGNAL NAME
PDV
GHK
RGVF
SIGNAL NAME
PDV
GHK
RGVF
SIGNAL NAME
PDV
GHK
RGVF
AD0
74
R09
W13
CAD5
133
J19
A13
CGNT
156
D19
B09
AD1
73
U09
N11
CAD6
132
K14
F12
CINT
182
C10
C04
AD2
72
V09
U12
CAD7
135
J17
C13
CIRDY
160
F13
B08
AD3
71
W09
V12
CAD8
136
J14
E12
CLK_48_RSVD
204
F06
M01
AD4
69
V08
W12
CAD9
139
H18
A12
CNA
111
P17
P15
AD5
68
U08
R11
CAD10
140
H17
B12
CPAR
152
F14
G10
AD6
67
R08
U11
CAD11
141
H14
C12
CPERR
154
F15
F10
AD7
66
W07
V11
CAD12
142
H15
B11
CPS
80
P10
M11
AD8
64
U07
N10
CAD13
144
G18
C11
CREQ
173
B12
E07
AD9
63
P08
R10
CAD14
147
F19
G11
CRST
169
B13
A06
AD10
61
R07
U10
CAD15
145
G17
E11
CRSVD
134
F08
B13
AD11
60
V06
V10
CAD16
148
F18
A10
CRSVD
150
F17
C10
AD12
59
U06
N09
CAD17
164
B14
A07
CRSVD
193
J18
D02
AD13
57
V05
R09
CAD18
165
E13
B07
CSERR
183
E10
B03
AD14
56
P07
U09
CAD19
166
A14
C07
CSTOP
155
E17
A09
AD15
55
R06
V09
CAD20
168
C13
G09
CSTSCHG
185
A09
B02
AD16
43
P01
R07
CAD21
171
E12
B06
CTRDY
159
E14
A08
AD17
42
N06
U06
CAD22
172
C12
C06
CVS1
181
B10
A03
AD18
41
N03
V06
CAD23
174
A12
B05
CVS2
167
F12
E08
AD19
40
N02
W06
CAD24
177
C11
E06
DEVSEL
49
R02
N08
AD20
38
M05
P06
CAD25
178
E11
A04
FILTER0
105
T19
T18
AD21
37
M06
R06
CAD26
179
F11
B04
FILTER1
106
R17
T19
AD22
36
M03
U05
CAD27
188
F09
B01
FRAME
45
N05
V07
AD23
35
M02
V05
CAD28
189
E09
C02
GNT
19
J01
T02
AD24
31
L03
V04
CAD29
191
B08
D03
GRST
17
H02
T01
AD25
30
L02
U04
CAD30
192
C08
C01
IDSEL
33
L05
W05
AD26
28
K06
V03
CAD31
194
E08
D01
IRDY
46
P03
U07
AD27
27
K05
W02
CAUDIO
184
F10
A02
MC_RSVD
113
N15
H07
AD28
26
K03
U03
C/BE0
65
V07
W11
MC_RSVD
115
M14
G05
AD29
25
K02
V02
C/BE1
54
U05
W09
MC_RSVD
116
N17
G03
AD30
23
J06
V01
C/BE2
44
P02
W07
MC_RSVD
117
N18
H03
AD31
22
J05
U02
C/BE3
32
L06
W04
MC_RSVD
118
N19
G02
ANALOGGND
83
U11
N12
CBLOCK
153
E18
E10
MC_RSVD
119
M15
J06
ANALOGGND
90
R12
U14
CC/BE0
137
J15
G12
MC_RSVD
120
M17
H05
ANALOGGND
97
R13
U16
CC/BE1
149
G15
B10
MC_RSVD
121
M18
F03
ANALOGVCC
85
R11
R13
CC/BE2
163
C14
F09
MC_RSVD
122
M19
G01
ANALOGVCC
93
U13
R14
CC/BE3
176
B11
C05
MFUNC0
3
F05
N03
ANALOGVCC
98
U14
V17
CCD1
125
L17
C15
MFUNC1
4
G06
M05
CAD0
126
L15
E14
CCD2
187
C09
E05
MFUNC2
7
F03
P01
CAD1
129
K18
B14
CCLK
158
C15
E09
MFUNC3
8
F02
P02
CAD2
127
L14
A14
CCLKRUN
186
B09
C03
MFUNC4
9
G05
P03
CAD3
131
K15
E13
CDEVSEL
157
A16
C09
MFUNC5
10
F01
N05
CAD4
130
K17
C14
CFRAME
161
B15
C08
MFUNC6
11
H06
R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com