Electronic Components Datasheet Search
  English  ▼

X  

PCI4510 Datasheet(PDF) 49 Page - Texas Instruments

Part # PCI4510
Description  PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4510 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCI4510 Datasheet HTML 45Page - Texas Instruments PCI4510 Datasheet HTML 46Page - Texas Instruments PCI4510 Datasheet HTML 47Page - Texas Instruments PCI4510 Datasheet HTML 48Page - Texas Instruments PCI4510 Datasheet HTML 49Page - Texas Instruments PCI4510 Datasheet HTML 50Page - Texas Instruments PCI4510 Datasheet HTML 51Page - Texas Instruments PCI4510 Datasheet HTML 52Page - Texas Instruments PCI4510 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 220 page
background image
3−5
CRT
VGA
Controller
Audio
Codec
PCI4510
19
4
Zoomed Video
Port
PCM
Audio
Input
PCI Bus
PC Card
Interface
Video
Audio
19
4
PC Card
Motherboard
Speakers
Figure 3−3. Zoomed Video Implementation Using the PCI4510 Device
Not shown in Figure 3−3 is the multiplexing scheme used to route the socket ZV source to the graphics controller.
The PCI4510 device provides ZVSTAT and ZVSEL0 signals on the multifunction terminals to switch external bus
drivers. Figure 3−4 shows an implementation for switching between two ZV streams using external logic.
ZVSTAT
ZVSEL0
PCI4510
1
0
Figure 3−4. Zoomed Video Switching Application
Figure 3−4 illustrates an implementation using standard three-state bus drivers with active-low output enables.
ZVSEL0 is an active-low output indicating that the CardBus socket ZV mode is enabled.
Also shown in Figure 3−4 is a second ZV input that can be provided from a source such as a high-speed serial bus
like IEEE 1394. The ZVSTAT signal provides a mechanism to switch the third ZV source. ZVSTAT is an active-high
output indicating that the PCI4510 socket is enabled for ZV mode. The implementation shown in Figure 3−4 can be
used if PC Card ZV is prioritized over other sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com