Electronic Components Datasheet Search
  English  ▼

X  

PCI4510 Datasheet(PDF) 27 Page - Texas Instruments

Part # PCI4510
Description  PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4510 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCI4510 Datasheet HTML 23Page - Texas Instruments PCI4510 Datasheet HTML 24Page - Texas Instruments PCI4510 Datasheet HTML 25Page - Texas Instruments PCI4510 Datasheet HTML 26Page - Texas Instruments PCI4510 Datasheet HTML 27Page - Texas Instruments PCI4510 Datasheet HTML 28Page - Texas Instruments PCI4510 Datasheet HTML 29Page - Texas Instruments PCI4510 Datasheet HTML 30Page - Texas Instruments PCI4510 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 220 page
background image
2−9
Table 2−3. Signal Names Sorted by RGVF Terminal Number
TERM.
SIGNAL NAME
TERM.
SIGNAL NAME
TERM.
SIGNAL NAME
TERM.
NO.
CARDBUS
16-BIT
TERM.
NO.
CARDBUS
16-BIT
TERM.
NO.
CARDBUS
16-BIT
A02
CAUDIO
BVD2(SPKR)
C13
CAD7
D7
H11
VCC
VCC
A03
CVS1
VS1
C14
CAD4
D12
H12
VCC
VCC
A04
CAD25
A1
C15
CCD1
CD1
H13
GND
GND
A05
VCCCB
VCCCB
D01
CAD31
D10
H19
NC
NC
A06
CRST
RESET
D02
CRSVD
D2
J01
SC_RSVD
SC_RSVD
A07
CAD17
A24
D03
CAD29
D1
J02
SC_RSVD
SC_RSVD
A08
CTRDY
A22
D19
NC
NC
J03
SC_RSVD
SC_RSVD
A09
CSTOP
A20
E05
CCD2
CD2
J05
SC_RSVD
SC_RSVD
A10
CAD16
A17
E06
CAD24
A2
J06
MC_RSVD
MC_RSVD
A11
VCCCB
VCCCB
E07
CREQ
INPACK
J07
SC_RSVD
SC_RSVD
A12
CAD9
A10
E08
CVS2
VS2
J08
VCC
VCC
A13
CAD5
D6
E09
CCLK
A16
J09
GND
GND
A14
CAD2
D11
E10
CBLOCK
A19
J10
GND
GND
A18
TEST1
TEST1
E11
CAD15
IOWR
J11
GND
GND
B01
CAD27
D0
E12
CAD8
D15
J12
VCC
VCC
B02
CSTSCHG
BVD1(STSCHG/RI)
E13
CAD3
D5
J19
NC
NC
B03
CSERR
WAIT
E14
CAD0
D3
K01
SC_RSVD
SC_RSVD
B04
CAD26
A0
E19
NC
NC
K02
SC_RSVD
SC_RSVD
B05
CAD23
A3
F03
MC_RSVD
MC_RSVD
K08
VCC
VCC
B06
CAD21
A5
F09
CC/BE2
A12
K09
GND
GND
B07
CAD18
A7
F10
CPERR
A14
K10
GND
GND
B08
CIRDY
A15
F12
CAD6
D13
K11
GND
GND
B09
CGNT
WE
F19
NC
NC
K12
VCC
VCC
B10
CC/BE1
A8
G01
MC_RSVD
MC_RSVD
K19
NC
NC
B11
CAD12
A11
G02
MC_RSVD
MC_RSVD
L05
VD0/VCCD1
VD0/VCCD1
B12
CAD10
CE2
G03
MC_RSVD
MC_RSVD
L06
VD1/VCCD0
VD1/VCCD0
B13
CRSVD
D14
G05
MC_RSVD
MC_RSVD
L07
SPKROUT
SPKROUT
B14
CAD1
D4
G07
GND
GND
L08
GND
GND
B18
NC
NC
G08
GND
GND
L09
GND
GND
B19
NC
NC
G09
CAD20
A6
L10
GND
GND
C01
CAD30
D9
G10
CPAR
A13
L11
GND
GND
C02
CAD28
D8
G11
CAD14
A9
L12
GND
GND
C03
CCLKRUN
WP(IOIS16)
G12
CC/BE0
CE1
L19
NC
NC
C04
CINT
READY(IREQ)
G13
GND
GND
M01
CLK_48
CLK_48
C05
CC/BE3
REG
H01
VR_PORT
VR_PORT
M02
SDA
SDA
C06
CAD22
A4
H02
VR_EN
VR_EN
M03
SCL
SCL
C07
CAD19
A25
H03
MC_RSVD
MC_RSVD
M05
MFUNC1
MFUNC1
C08
CFRAME
A23
H05
MC_RSVD
MC_RSVD
M07
VCC
VCC
C09
CDEVSEL
A21
H07
MC_RSVD
MC_RSVD
M08
GND
GND
C10
CRSVD
A18
H08
VCC
VCC
M09
VCC
VCC
C11
CAD13
IORD
H09
VCC
VCC
M10
VCC
VCC
C12
CAD11
OE
H10
VCC
VCC
M11
CPS
CPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com