Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM87 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM87 Datasheet HTML 28Page - Texas Instruments LM87 Datasheet HTML 29Page - Texas Instruments LM87 Datasheet HTML 30Page - Texas Instruments LM87 Datasheet HTML 31Page - Texas Instruments LM87 Datasheet HTML 32Page - Texas Instruments LM87 Datasheet HTML 33Page - Texas Instruments LM87 Datasheet HTML 34Page - Texas Instruments LM87 Datasheet HTML 35Page - Texas Instruments LM87 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
LM87
SNAS034J – APRIL 2000 – REVISED MARCH 2013
www.ti.com
Interrupt Mask Register 1—Address 43h
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0
+2.5Vin/D2+
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
1
Vccp1
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
2
Vcc
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
3
+5Vin
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
4
Int. Temp.
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
5
Ext. Temp.
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
6
FAN1/AIN1
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
7
FAN2/AIN2
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
Interrupt Mask Register 2—Address 44h
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0
+12Vin
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
1
Vccp2
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
2
Reserved
Read/Write
3
Reserved
Read/Write
4
Chassis Intrusion
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
5
THERM#
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
6
D1 Fault
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
7
D2 Fault
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
Reserved Register —Address 45h
Power on default – <7:0> = 00h. Read/Write for backwards compatibility.
CI Clear Register—Address 46h
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0-6 Reserved
Read/Write
7
CI Clear
Read/Write
A one outputs a minimum 20 ms (minimum) active low pulse on the Chassis Intrusion pin. The
register bit self clears after the pulse has been output.
32
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com