Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM87 Datasheet(HTML) 4 Page - Texas Instruments

  LM87 Datasheet HTML 1Page - Texas Instruments LM87 Datasheet HTML 2Page - Texas Instruments LM87 Datasheet HTML 3Page - Texas Instruments LM87 Datasheet HTML 4Page - Texas Instruments LM87 Datasheet HTML 5Page - Texas Instruments LM87 Datasheet HTML 6Page - Texas Instruments LM87 Datasheet HTML 7Page - Texas Instruments LM87 Datasheet HTML 8Page - Texas Instruments LM87 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
LM87
SNAS034J – APRIL 2000 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3) (4)
Positive Supply Voltage (V+)
+6.0 V
Voltage on Any Input or Output Pin:
+12Vin
−0.3 V to +16 V
ADD/NTESTOUT, DACOut/NTEST_IN, AIN1, AIN2
−0.3 V to (V++ 0.3 V)
All other pins
−0.3 V to +6 V
Input Current at any Pin (5)
±5 mA
Package Input Current (5)
±20 mA
Maximum Junction Temperature
(TJ max)
150 °C
ESD Susceptibility (6)
Human Body Model
2500 V
Machine Model
150V
Storage Temperature
−65 °C to +150 °C
For soldering specifications:
See product folder at www.ti.com and http://www.ti.com/lit/SNOA549
(1)
All voltages are measured with respect to GND, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(3)
The Absolute maximum input range for: +2.5Vin -
−0.3 V to (1.4 × V+ + 0.42 V or 6 V, whichever is smaller
+3.3Vin -
−0.3 V to (1.8 ×
V+ + 0.55 V or 6 V, whichever is smaller.
(4)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(5)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN< GND or VIN>V
+), the current at that pin should be limited to
5 mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an
input current of 5 mA to four.
(6)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
(1) (2)
Operating Temperature Range
T MIN ≤ TA ≤ TMAX
LM87
−40 °C ≤ TA ≤ +125 °C
Specified Temperature Range
T MIN ≤ TA ≤ TMAX
LM87
−40 °C ≤ TA ≤ +125 °C
Junction to Ambient Thermal Resistance (
θJA
(3))
Package Number: PW0024A
95 °C/W
Supply Voltage (V+)
+2.8 V to +3.8 V
V IN Voltage Range:
+12Vin
−0.05 V to +15 V
+5Vin
−0.05 V to +6.0 V
+3.3Vin
−0.05 V to +4.6 V
+2.5Vin
−0.05 V to +3.6 V
VID0 - VID4, Vccp, FAN1, FAN2, SMBCLK, SMBDATA
−0.05 V to +6.0 V
All other inputs
−0.05 V to (V++ 0.05 V)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax, θJA and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJmax−TA)/θ JA.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com