Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM87 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM87 Datasheet HTML 11Page - Texas Instruments LM87 Datasheet HTML 12Page - Texas Instruments LM87 Datasheet HTML 13Page - Texas Instruments LM87 Datasheet HTML 14Page - Texas Instruments LM87 Datasheet HTML 15Page - Texas Instruments LM87 Datasheet HTML 16Page - Texas Instruments LM87 Datasheet HTML 17Page - Texas Instruments LM87 Datasheet HTML 18Page - Texas Instruments LM87 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
LM87
www.ti.com
SNAS034J – APRIL 2000 – REVISED MARCH 2013
Bit 2 of Configuration Register 1 enables the THERM# Interrupt output when this bit is taken high.
Bit 3 of Configuration Register 1 clears the INT# output when set high, without affecting the contents of the
Interrupt Status Registers. The LM87 will stop monitoring. It will resume upon clearing of this bit.
Bit 4 of Configuration Register 1 provides an active low 20 ms (minimum) pulse at the RESET# output when set
high.
Bit 6 of Configuration Register 1 clears the THERM# output when set high, without affecting the contents of the
Interrupt Status Registers.
Bit 7 of Configuration Register 1 (the INITIALIZATION bit) resets the internal registers of the LM87 as described
in Resets.
Bit 7 of the CI_Clear Register provides an active low 20 ms (minimum) pulse at the CI# output pin when set high.
This is intended for resetting the Chassis Intrusion circuitry.
Bit 0 of Configuration Register 2 enables the INT# Interrupt output for THERM# events when set low. When this
bit is set high, THERM# error events will not affect the INT# output.
Bit 1 of Configuration Register 2 locks the value set in the Internal Temperature high limit register at 13h. The
value cannot be changed until a Power On Reset is performed.
Bit 2 of Configuration Register 2 locks the value set in the External Temperature high limit register at 14h. The
value cannot be changed until a Power On Reset is performed.
Bit 3 of Configuration Register 2 sets the THERM# output mode. When set to 0, the THERM# output functions in
default mode, when set to 1, THERM# operates in ACPI mode.
Bit 6 of Configuration Register 2, when set to 1, enables pin 21 as an active high (IRQ3) interrupt input. When
set to 0, this input is disabled as an IRQ interrupt.
Bit 7 of Configuration Register 2, when set to 1, enables pin 20 as an active high (IRQ4) interrupt input. When
set to 0, this input is disabled as an IRQ interrupt.
Bit 0 of the Channel Mode Register, when set to 1, configures pin 5 as AIN1. When set to 0, pin 5 is configured
as the FAN1 input.
Bit 1 of the Channel Mode Register, when set to 1, configures pin 6 as AIN2. When set to 0, pin 6 is configured
as the FAN2 input.
Bit 2 of the Channel Mode Register, when set to 0, configures pins 18 and 19 as +2.5V and VCCP2 voltage inputs.
When set to 1, pins 18 and 19 are configured as a second remote temperature sensing channel.
Bit 3 of the Channel Mode Register, when set to 0, sets the nominal voltage for internal VCC measurement to
3.3V. When set to 1, the nominal VCC range is 5V.
Bit 4 of the Channel Mode Register, when set to 1, enables pin 24 as an active low (IRQ0) interrupt input. When
set to 0, this input is disabled as an IRQ interrupt.
Bit 5 of the Channel Mode Register, when set to 1, enables pin 23 as an active low (IRQ1) interrupt input. When
set to 0, this input is disabled as an IRQ interrupt.
Bit 6 of the Channel Mode Register, when set to 1, enables pin 22 as an active low (IRQ2) interrupt input. When
set to 0, this input is disabled as an IRQ interrupt.
Bit 7 of the Channel Mode Register, when set to 1, configures pins 20 to 24 as interrupt inputs. When set to 0,
pins 20 to 24 are configured as processor voltage ID pins.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com