Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM87 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM87 Datasheet HTML 7Page - Texas Instruments LM87 Datasheet HTML 8Page - Texas Instruments LM87 Datasheet HTML 9Page - Texas Instruments LM87 Datasheet HTML 10Page - Texas Instruments LM87 Datasheet HTML 11Page - Texas Instruments LM87 Datasheet HTML 12Page - Texas Instruments LM87 Datasheet HTML 13Page - Texas Instruments LM87 Datasheet HTML 14Page - Texas Instruments LM87 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
LM87
www.ti.com
SNAS034J – APRIL 2000 – REVISED MARCH 2013
When the LM87 is started, it cycles through each measurement in sequence, and it continuously loops through
the sequence approximately once every 0.4 s. Each measured value is compared to values stored in
WATCHDOG, or Hardware High Limit registers. When the measured value violates the programmed limit the
LM87 will set a corresponding Interrupt in the Interrupt Status Registers. The hardware Interrupt line INT# is fully
programmable with separate masking of each Interrupt source. In addition, the Configuration Register has a
control bit to enable or disable the hardware Interrupt. Another hardware Interrupt line available, THERM# is
used to signal temperature specific events. Having a dedicated interrupt for these conditions allows specific
actions to be taken for thermal events. This output is enabled by setting bit 2 of Configuration Register 1.
The Chassis Intrusion input is designed to accept an active high signal from an external circuit that activates and
latches when the case is removed from the computer.
INTERFACE
Figure 5. LM87 Register Structure
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com