Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM87 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM87 Datasheet HTML 13Page - Texas Instruments LM87 Datasheet HTML 14Page - Texas Instruments LM87 Datasheet HTML 15Page - Texas Instruments LM87 Datasheet HTML 16Page - Texas Instruments LM87 Datasheet HTML 17Page - Texas Instruments LM87 Datasheet HTML 18Page - Texas Instruments LM87 Datasheet HTML 19Page - Texas Instruments LM87 Datasheet HTML 20Page - Texas Instruments LM87 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
LM87
www.ti.com
SNAS034J – APRIL 2000 – REVISED MARCH 2013
ANALOG INPUTS
All analog input voltages are digitized to 8-bits of resolution. For safety purposes, and to provide maximum
accuracy, a 510
Ω resistor should be placed in series with all analog voltage inputs. The resistors will limit the
possible current drawn from the power supplies in the event that circuit board traces are bridged, or accidentally
shorted during test. All analog inputs, except for AIN1 and AIN2, include internal resistor attenuators. The
theoretical LSB size, theoretical voltage input required for an ADC reading of 192 (3/4 scale) and 255 (full scale)
for each analog input is detailed in the table below:
Input
LSB size
Vin for 192
Vin for 255
2.5Vin
13 mV
2.5 V
3.320 V
3.3Vcc
17.2 mV
3.3 V
4.383 V
5Vin/Vcc
26 mV
5 V
6.641 V
12Vin
62.5 mV
12 V
15.93 V
Vccp1, Vccp2
14.1 mV
2.7 V
3.586 V
AIN1/AIN2
9.8 mV
1.875 V
2.49 V
Thus monitoring power supplies within a system can be easily accomplished by tying the Vccp, +2.5Vin, +5Vin
and +12Vin analog inputs to the corresponding system supply. Vcc of the LM87 will also be monitored. A digital
reading can be converted to a voltage by simply multiplying the decimal value of the reading by the LSB size.
For inputs with attenuators the input impedance is greater than 90 k
Ω. AIN inputs do not have resistor
attenuators and are directly tied to the ADC, therefore having a much larger input impedance.
A negative power supply voltage can be applied to a AIN input through a resistor divider referenced to a known
positive DC voltage as shown in Figure 9. The resistor values shown in the table below for the circuit of Figure 9
will provide approximately 1.25 V at the AIN analog inputs of the LM87 for a nominal reading of 128.
Table 2.
Voltage Measurements
R2
R1
V +
Voltage
(VS)
at
Analog Inputs
( ADC code 128)
−12V
20 k
Ω
130 k
Ω
+3.3 V
+1.25 V
−5V
20 k
Ω
61.0 k
Ω
+3.3 V
+1.25 V
Resistor values shown in Table 2 provide approximately 1.25V at the Vccp inputs.
Figure 9. Input Examples
The resistors were selected by setting R2 = 20 k
Ω and then calculating R1 using the following equation, ( VS is
the maximum negative input voltage, V+ is the positive pullup voltage):
R1 = [(1.25V
− VS) ÷ (V
+ − 1.25V)] × 20 kΩ
(1)
The maximum R1 can be is restricted by the DC input current of an AIN input.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com