Electronic Components Datasheet Search
  English  ▼

X  

UPD720122 Datasheet(PDF) 7 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 7 Page - NEC

Back Button UPD720122 Datasheet HTML 3Page - NEC UPD720122 Datasheet HTML 4Page - NEC UPD720122 Datasheet HTML 5Page - NEC UPD720122 Datasheet HTML 6Page - NEC UPD720122 Datasheet HTML 7Page - NEC UPD720122 Datasheet HTML 8Page - NEC UPD720122 Datasheet HTML 9Page - NEC UPD720122 Datasheet HTML 10Page - NEC UPD720122 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
Data Sheet S16685EJ2V0DS
7
µPD720122
µµµµ PD720122F1-DN2
(1/2)
Pin
No.
Pin Name
Function1
Pin Name
Function2
Pin Name
Function3
Pin
No.
Pin Name
Function1
Pin Name
Function2
Pin Name
Function3
1NC
NC
NC
26
AV
SS
AV
SS
AV
SS
2
D8
Reserved
D8
27
RSDP
RSDP
RSDP
3
D10
Reserved
D10
28
V
DD
V
DD
V
DD
4
D12
Reserved
D12
29
NC
NC
NC
5
D15
Reserved
D15
30
NC
NC
NC
6
GND
GND
GND
31
V
DD
V
DD
V
DD
7
INT1B
INT1B
INT1B
32
M1
M1
M1
8
ACTIVE
ACTIVE
ACTIVE
33
VBUS
VBUS
VBUS
9M2
M2
M2
34
NC
NC
NC
10
EP1_DACKB
EP1_DACKB
EP1_DACKB
35
RESETB
RESETB
RESETB
11
EP1_TCB
EP1_TCB
EP1_TCB
36
XIN_CLK
XIN_CLK
XIN_CLK
12
NC
NC
NC
37
GND
GND
GND
13
FM21
FM21
FM21
38
A1
INTB_ALL
INTB_ALL
14
EP2_DACKB
EP2_DACKB
EP2_DACKB
39
A3
Reserved
Reserved
15
EP2_TCB
EP2_TCB
EP2_TCB
40
A7
Reserved
Reserved
16
LD2
LD2
Reserved
41
D0
AD0
D0
17
GND
GND
GND
42
D3
AD3
AD3
18
LD7
LD7
Reserved
43
D5
AD5
AD5
19
LD9
LD9
Reserved
44
D7
AD7
AD7
20
LD11
LD11
Reserved
45
NC
NC
NC
21
LD13
LD13
Reserved
46
D9
Reserved
D9
22
LD15
LD15
Reserved
47
D11
Reserved
D11
23
NC
NC
NC
48
D14
Reserved
D14
24
BUNRI
BUNRI
BUNRI
49
RDB
RDB
RDB
25
AV
SS(R)
AV
SS(R)
AV
SS(R)
50
INT2B
INT2B
INT2B
Remark AVSS (R) should be used to connect RREF through 1 % precision reference resistor of 9.1 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com