Electronic Components Datasheet Search
  English  ▼

X  

UPD720122 Datasheet(PDF) 11 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 11 Page - NEC

Back Button UPD720122 Datasheet HTML 7Page - NEC UPD720122 Datasheet HTML 8Page - NEC UPD720122 Datasheet HTML 9Page - NEC UPD720122 Datasheet HTML 10Page - NEC UPD720122 Datasheet HTML 11Page - NEC UPD720122 Datasheet HTML 12Page - NEC UPD720122 Datasheet HTML 13Page - NEC UPD720122 Datasheet HTML 14Page - NEC UPD720122 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
Data Sheet S16685EJ2V0DS
11
µPD720122
2.
ELECTRICAL SPECIFICATIONS
2.1
Buffer List
• 3.3 V oscillator interface
XIN,XOUT
• 3.3 V input buffer
FM21,SCAN(1:0)
• 5V torelant input buffer
RESETB,CSB,A(7:0),WRB,RDB,ACTIVE,EP1_DACKB,EP1_RDB,EP1_TCB,EP2_DACKB,EP2_WRB,
EP2_TCB,BUNRI,M0,M1,VBUS,ALE
• 5V torelant output buffer
INTB_ALL,INT0B,INT1B,INT2B,M2,EP1_DRQB,EP2_DRQB
• 5V torelant I/O buffer
D(15:0),LD(15:0),AD(7:0),D0,AD(7:1),D(15:8)
• USB interface
DP,DM,RSDP,RSDM,RREF,RPU
2.2
Terminology
Terms Used in Absolute Maximum Ratings
Parameter
Symbol
Meaning
Power supply voltage
VDD
Indicates voltage range within which damage or reduced reliability will not result
when power is applied to a VDD pin.
Input voltage
VI
Indicates voltage range within which damage or reduced reliability will not result
when power is applied to an input pin.
Output voltage
VO
Indicates voltage range within which damage or reduced reliability will not result
when power is applied to an output pin.
Output current
IO
Indicates absolute tolerance value for DC current to prevent damage or reduced
reliability when a current flows out of or into an output pin.
Operating temperature
TA
Indicates the ambient temperature range for normal logic operations.
Storage temperature
Tstg
Indicates the element temperature range within which damage or reduced reliability
will not result while no voltage or current are applied to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com