Electronic Components Datasheet Search
  English  ▼

X  

UPD720122 Datasheet(PDF) 10 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 10 Page - NEC

Back Button UPD720122 Datasheet HTML 6Page - NEC UPD720122 Datasheet HTML 7Page - NEC UPD720122 Datasheet HTML 8Page - NEC UPD720122 Datasheet HTML 9Page - NEC UPD720122 Datasheet HTML 10Page - NEC UPD720122 Datasheet HTML 11Page - NEC UPD720122 Datasheet HTML 12Page - NEC UPD720122 Datasheet HTML 13Page - NEC UPD720122 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
Data Sheet S16685EJ2V0DS
10
µPD720122
(2/2)
Pin Name
I/O
Buffer Type
Active Level
Function
RSDM
O
USB full speed D- O
USB’s full speed D
− signal
M(1:0)
I
5 V tolerant Input
Function mode setting
VBUS
I
5 V tolerant Input
Note
VBUS monitoring
AVDD, PVDD
3.3 VDD for Analog circuit
VDD
3.3 VDD
AVSS, PVSS
VSS for Analog circuit
VSS, GND
VSS
NC
Not connect
Reserved
Not used
Note
VBUS pin may be used to monitor for VBUS line even if VDD, AVDD, and PVDD are shut off. System must
ensure that the input voltage level for VBUS pin is less than 3.0 V due to the absolute maximum rating is not
exceeded.
Remark
“5 V tolerant“ means that the buffer is 3.3 V buffer with 5 V tolerant circuit.
The operation mode of the BIU can be set by external pins, as shown below. Fix external pins (M1 and M0) when
using them.
Pin
M1
M0
BIU Operation Mode
Outline
0
0
16-bit mode
(Function 1)
A 16-bit CPU bus and an external local bus dedicated to data transfer for bulk IN/OUT can
be used in this mode. The internal register length is 16 bits.
0
1
8-bit mode
(Function 2)
Multiplexed bus mode of 8-bit address bus and 8-bit data bus.
The register length is 8 bits only in this mode (registers can only be accessed in byte units).
Therefore, the address space in this mode differs from that in the other modes.
The active levels of some external local bus control pins can be changed by the Active pin.
1
0
16-bit mix mode
(Function 3)
Multiplexed bus mode of 8-bit address bus and 16-bit data bus.
The internal register length is 16 bits.
The active levels of some external local bus control pins can be changed by the Active pin.
1
1
Setting prohibited
(Function 4)
Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com