Electronic Components Datasheet Search
  English  ▼

X  

PCM3501 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3501
Description  VOICE/MODEM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3501 Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM3501 Datasheet HTML 14Page - Texas Instruments PCM3501 Datasheet HTML 15Page - Texas Instruments PCM3501 Datasheet HTML 16Page - Texas Instruments PCM3501 Datasheet HTML 17Page - Texas Instruments PCM3501 Datasheet HTML 18Page - Texas Instruments PCM3501 Datasheet HTML 19Page - Texas Instruments PCM3501 Datasheet HTML 20Page - Texas Instruments PCM3501 Datasheet HTML 21Page - Texas Instruments PCM3501 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
®
18
PCM3501
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tBCKP
BCK Period
600
ns
tBCKH
BCK Pulse Width HIGH
200
ns
tBCKL
BCK Pulse Width LOW
200
ns
tFSW
FS Pulse Width HIGH
tBCKP – 60
tBCKP
tBCKP + 60
ns
tFSP
FS Period
1/fS
tFSSU
FS Set Up TIme to BCK Rising Edge
60
ns
tFSHD
FS Hold TIme to BCK RIsing Edge
60
ns
tDISU
DIN Set Up Time to BCK Rising Edge
60
ns
tDIHD
DIN Hold Time to BCK Rising Edge
60
ns
tCKDO
Delay Time BCK Falling Edge to DOUT
0
80
ns
tHZDO
Delay Time BCK Falling Edge to DOUT Active
20
ns
tDOHZ
Delay Time BCK Falling Edge to DOUT Inactive
19.5
ns
tFSOW
FSO Pulse Width HIGH
tBCKP – 60
tBCKP
tBCKP + 60
ns
tBFSO
Delay Time BCK Falling Edge to FSO
0
80
ns
tR
Rising Time of All Signals
30
ns
tF
Falling Time of All Signals
30
ns
FIGURE 13. Serial Interface Timing for Time Slot Mode Operation (Slave Mode).
Table III shows the TSC pin settings and corresponding
mode selections. When Time Slot Mode is enabled, FSO
(pin 12) is used as a frame sync output, which is connected
to the FS input of the next PCM3501 in the Time Slot
sequence. Figures 13 and 14 provide detailed timing for
Time Slot Mode operation.
TSC (PIN 7)
TIME SLOT MODE
0
Time Slot Mode Disabled, Normal Operation
1
Time Slot Operation Enable
LOOP (PIN 19)
LOOP-BACK MODE
0
Loop-Back Mode Disabled, Normal Operation
1
Loop-Back Mode Enabled
TABLE IV. Loop-Back Mode Selection.
TABLE III. Time Slot Mode Selection.
HPFD (PIN 18)
HIGH-PASS FILTER MODE
0
High-Pass Filter On
1
High-Pass Filter Off
TABLE V. High-Pass Filter Mode Selection.
HIGH-PASS FILTER
The PCM3501 includes a digital high-pass filter in the ADC
which may be used to remove the DC offset created by the
analog front-end (AFE) section. The high-pass filter response
is shown in Figure 15. The high-pass filter may be enabled or
disabled using the HPFD input (pin 18). Table V shows the
HPFD pin settings and corresponding mode selections.
ADC-TO-DAC LOOP BACK
The PCM3501 includes a Loop-Back Mode, which directly
feeds the ADC data to the DAC input. This mode is
designedfor diagnostic testing and system adjustment. Loop-
Back Mode is enabled and disabled using the LOOP input
(pin 19). Table IV shows the LOOP pin settings and corre-
sponding mode selections. The serial interface continues to
operate in Loop-Back Mode, allowing the host to read the
ADC data at the DOUT pin.
t
FSW
t
FSSU
High Impedance
High Impedance
t
FSHD
t
BCKP
t
BCKL
t
DISU
t
DIHD
t
BCKH
t
CKDO
t
HZDO
t
DOHZ
t
FSP
NOTES: Timing measurement reference level is (VIH/VIL)/2. Rising and falling time is measured from
10% to 90% of IN/OUT signal swing. Load capacitance of DOUT, and FSO signal is 50pF.
0.5V
DD
0.5V
DD
0.5V
DD
0.5V
DD
0.5V
DD
t
FSOW
t
BFSO
FS
(input)
BCK
(input)
DIN
(input)
DOUT
(output)
FSO
(output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com