Electronic Components Datasheet Search
  English  ▼

X  

PCM3501 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3501
Description  VOICE/MODEM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3501 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM3501 Datasheet HTML 5Page - Texas Instruments PCM3501 Datasheet HTML 6Page - Texas Instruments PCM3501 Datasheet HTML 7Page - Texas Instruments PCM3501 Datasheet HTML 8Page - Texas Instruments PCM3501 Datasheet HTML 9Page - Texas Instruments PCM3501 Datasheet HTML 10Page - Texas Instruments PCM3501 Datasheet HTML 11Page - Texas Instruments PCM3501 Datasheet HTML 12Page - Texas Instruments PCM3501 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
®
9
PCM3501
TYPICAL PERFORMANCE CURVES (Cont.)
TA = +25°C, VCC = VDD = +3.3V, fS = 8kHz, and fSIGNAL = 1kHz, unless otherwise specified.
ADC SECTION
ANALOG FILTER
ANTI-ALIASING FILTER
STOPBAND CHARACTERISTICS
Frequency (Hz)
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1k
100
10k
100k
1M
10M
ANTI-ALIASING FILTER
PASSBAND CHARACTERISTICS
Frequency (Hz)
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
1k
100
10
1
10k
100k
ADC OUTPUT SPECTRA
TOTAL HARMONIC DISTORTION + NOISE
vs SIGNAL LEVEL
Signal Level (dB)
0
–20
–40
–60
–80
–100
–84
–72
–60
–48
–36
–24
–12
0
–96
THD+N fluctuates with signal level
as harmonics are limited to second
and third components.
0
–20
–40
–60
–80
–100
–120
–140
0
1
2
3
4
Frequency(kHz)
OUTPUT SPECTRUM (–0.5dB, N = 8192)
(T
A = 25°C, VCC = VDD = 3.3V, fS = 8kHz, fSIGNAL = 1kHz)
0
–20
–40
–60
–80
–100
–120
–140
0
1
2
3
4
Frequency(kHz)
OUTPUT SPECTRUM (–60dB, N = 8192)
(T
A = 25°C, VCC = VDD = 3.3V, fS = 8kHz, fSIGNAL = 1kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com