Electronic Components Datasheet Search
  English  ▼

X  

PCM3501 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3501
Description  VOICE/MODEM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3501 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM3501 Datasheet HTML 19Page - Texas Instruments PCM3501 Datasheet HTML 20Page - Texas Instruments PCM3501 Datasheet HTML 21Page - Texas Instruments PCM3501 Datasheet HTML 22Page - Texas Instruments PCM3501 Datasheet HTML 23Page - Texas Instruments PCM3501 Datasheet HTML 24Page - Texas Instruments PCM3501 Datasheet HTML 25Page - Texas Instruments PCM3501 Datasheet HTML 26Page - Texas Instruments PCM3501 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
®
23
PCM3501
ANTI-ALIASING FILTER
STOPBAND CHARACTERISTICS
Frequency (Hz)
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1k
100
10k
100k
1M
10M
ANTI-ALIASING FILTER
PASSBAND CHARACTERISTICS
Frequency (Hz)
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
1k
100
10
1
10k
100k
The AFE circuit consists of a buffer/filter for each input of
the converter. The frequency response for the filter is shown
in Figure 22. Since the delta-sigma modulator oversamples
the input at 64fS, the anti-alias filter requirements are re-
laxed, with only a single-pole filter being required. If an
application requires further band limiting of the input signal,
a simple RC filter at the inputs can be used, as shown in
Figure 23.
FIGURE 22. Anti-Alias Filter Frequency Response.
FIGURE 23. Optional External Low-Pass Filter for the
ADC.
THEORY OF OPERATION
ADC SECTION
The PCM3501 A/D converter consists of two reference
circuits, differential input buffer, a fully differential 5th-
order delta-sigma modulator, a decimation filter (including
digital high pass), and a serial interface circuit. The block
diagram on the front page of this data sheet illustrates the
architecture of the ADC section, Figure 21 shows the input
buffers, and Figure 24 illustrates the architecture of the 5th-
order delta-sigma modulator and transfer functions.
An internal reference circuit with three external capacitors
provides all reference voltages which are required by the
ADC, which defines the full-scale range for the converter.
The internal input buffers save the design, space and extra
parts needed for external circuitry required by many delta-
sigma converters. The internal full-differential signal pro-
cessing architecture provides a wide dynamic range and
excellent power supply rejection performance. The input
signal is sampled at a 64x oversampling rate, eliminating
the need for a sample-and-hold circuit, and simplifying anti-
alias filtering requirements. The 5th-order delta-sigma noise
+
+
–
+
+
+
5th SW-CAP
Integrator
4th SW-CAP
Integrator
3rd SW-CAP
Integrator
2nd SW-CAP
Integrator
1st SW-CAP
Integrator
+
+
+
+
–
+
+
–
1-Bit
DAC
H(z)
Qn(z)
Analog In
X(z)
Digital Out
Y(z)
Y(z) = STF(z) • X(z) + NTF(z) • Qn(z)
Signal Transfer Function
Noise Transfer Function
STF(z) = H(z) / [1 + H(z)]
NTF(z) = 1/ [1 + H(z)]
Comparator
FIGURE 24. Simplified 5th-Order Delta-Sigma Modulator.
+
V
IN+
PCM3501
Analog
Input
R
C
f
–3dB =
1
4
π RC
V
IN–
+
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com