Electronic Components Datasheet Search
  English  ▼

X  

PCM3501 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3501
Description  VOICE/MODEM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3501 Datasheet(HTML) 5 Page - Texas Instruments

  PCM3501 Datasheet HTML 1Page - Texas Instruments PCM3501 Datasheet HTML 2Page - Texas Instruments PCM3501 Datasheet HTML 3Page - Texas Instruments PCM3501 Datasheet HTML 4Page - Texas Instruments PCM3501 Datasheet HTML 5Page - Texas Instruments PCM3501 Datasheet HTML 6Page - Texas Instruments PCM3501 Datasheet HTML 7Page - Texas Instruments PCM3501 Datasheet HTML 8Page - Texas Instruments PCM3501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
®
5
PCM3501
TYPICAL PERFORMANCE CURVES
INTERPOLATION FILTER
PASSBAND RIPPLE CHARACTERISTICS
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
0
0.1
0.2
0.3
0.4
0.5
Normalized Frequency (• f
S Hz)
OUTPUT FILTER FREQUENCY RESPONSE
STOPBAND CHARACTERISTICS
Frequency (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100
1k
10k
100k
1M
10M
ANALOG FILTER
DAC SECTION
DIGITAL FILTER
OUTPUT FILTER FREQUENCY RESPONSE
PASSBAND CHARACTERISTICS
Frequency (Hz)
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
100
10
1
1k
10k
100k
INTERPOLATION FILTER FREQUENCY RESPONSE
Normalized Frequency (• f
S)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
1
23
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com