Electronic Components Datasheet Search
  English  ▼

X  

PCM3501 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3501
Description  VOICE/MODEM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3501 Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM3501 Datasheet HTML 11Page - Texas Instruments PCM3501 Datasheet HTML 12Page - Texas Instruments PCM3501 Datasheet HTML 13Page - Texas Instruments PCM3501 Datasheet HTML 14Page - Texas Instruments PCM3501 Datasheet HTML 15Page - Texas Instruments PCM3501 Datasheet HTML 16Page - Texas Instruments PCM3501 Datasheet HTML 17Page - Texas Instruments PCM3501 Datasheet HTML 18Page - Texas Instruments PCM3501 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
®
15
PCM3501
SERIAL
INTERFACE
M/S (PIN 6)
MODE
FS (PIN)
BCK (PIN 8)
0
Slave
Input
Input
1
Master
Output
Output
TABLE II. Master/Slave Mode Selection.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tBCKP
BCK Period
2400
16000
ns
tBCKH
BCK Pulse Width HIGH
1200
8000
ns
tBCKL
BCK Pulse Width LOW
1200
8000
ns
tCKFS
Delay Time BCK Falling Edge to FS
– 40
40
ns
tFSW
FS Pulse Width HIGH
tBCKP – 60
tBCKP
tBCKP + 60
ns
tFSP
FS Period
1/fS
tDISU
DIN Set Up Time to BCK Rising Edge
60
ns
tDIHD
DIN Hold Time to BCK Rising Edge
60
ns
tCKDO
Delay Time BCK Falling Edge to DOUT
0
80
ns
tR
Rising Time of All Signals
30
ns
tF
Falling Time of All Signals
30
ns
FIGURE 8. Serial Interface Timing for Master Mode.
MASTER/SLAVE OPERATION
The serial interface supports both Slave and Master Mode
operation. The mode is selected by the M/S input (pin 6).
Table II shows mode and pin settings corresponding to the
M/S input selection. Figure 9 shows connections for Slave
and Master mode operation.
FIGURE 9. Slave and Master Mode Connections.
Slave Mode Operation
In Slave Mode, the FS and BCK pins are inputs to the
PCM3501. Both FS and BCK should be derived from the
system clock signal (XTI or SCKIO) to ensure proper
synchronization. Slave Mode is best suited for applications
where the DSP or controller is capable of generating the FS,
BCK, and system clocks using an on-chip serial port and/or
timing generator.
Master Mode Operation
In Master Mode operation, both FS and BCK are clock
outputs generated by the PCM3501 from the system clock
input (XTI, SCKIO, or a crystal). In Master Mode, the timing
and phase relationships between system clock, FS, and BCK
are managed internally to provide optimal synchronization.
t
FSW
t
CKFS
t
BCKP
t
BCKH
t
DISU
t
DIHD
t
BCKL
t
CKDO
t
FSP
NOTES: Timing measurement reference level is (VIH/VIL)/2. Rising and falling time is measured from
10% to 90% of IN/OUT signal swing. Load capacitance of DOUT, FS, BCK signal is 50pF.
0.5V
DD
0.5V
DD
0.5V
DD
0.5V
DD
FS
(output)
BCK
(output)
DIN
(input)
DOUT
(output)
XTI
FS (input)
BCK (input)
DIN
DOUT
M/S
TSC
GND
GND
Controller
System
Clock
Slave Mode
PCM3501
XTI
FS (output)
BCK (output)
DIN
DOUT
M/S
TSC
V
DD
GND
PCM3501
System
Clock
Controller
Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com