Electronic Components Datasheet Search
  English  ▼

X  

PCM3501 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3501
Description  VOICE/MODEM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3501 Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM3501 Datasheet HTML 16Page - Texas Instruments PCM3501 Datasheet HTML 17Page - Texas Instruments PCM3501 Datasheet HTML 18Page - Texas Instruments PCM3501 Datasheet HTML 19Page - Texas Instruments PCM3501 Datasheet HTML 20Page - Texas Instruments PCM3501 Datasheet HTML 21Page - Texas Instruments PCM3501 Datasheet HTML 22Page - Texas Instruments PCM3501 Datasheet HTML 23Page - Texas Instruments PCM3501 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
®
20
PCM3501
APPLICATIONS INFORMATION
BASIC CIRCUIT CONNECTIONS
The basic connection diagram for the PCM3501 is shown in
Figure 16. Included are the required power supply bypass and
reference decoupling capacitors. The DAC output, VOUT, and
the ADC input, VIN, should be AC-coupled to external cir-
cuitry.
Reference Pin Connections
The VCOM voltage is used internally to bias the input and
output amplifier stages of the PCM3501. It is brought out
FIGURE 16. Basic Connection Diagram.
unbuffered on pin 1 for decoupling. A 1
µF to 10µF alumi-
num electrolytic or tantalum capacitor is recommended for
decoupling purposes. This capacitor should be located as
close as possible to pin 1.
The VCOM voltage is typically equal to VCC/2, and may be
used to bias external input and output circuitry. However,
since the VCOM pin is not a buffered output, it must drive a
high impedance load to avoid excessive loading. Buffering
the VCOM pin with an external op amp configured as a
voltage follower is recommended when driving multiple bias
nodes. Figure 17 shows an example of using VCOM with
external circuitry.
FIGURE 17. Using VCOM to Bias External Circuitry.
V
COM
V
REF1
V
REF2
V
IN+
V
IN–
M/S
TSC
BCK
FS
DIN
DOUT
FSO
V
CC
AGND
V
OUT+
V
OUT–
PDWN
LOOP
HPFD
XTI
XTO
SCKIO
DGND
V
DD
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PCM3501
+
+
+
+
C
3
C
4
C
5
C
6
Serial
Interface
+
+
C
1
+3.3V
Power supply
External Reset
Power-Down Control
External Clock System
Analog Line Interface Circuit
Telecom Line
+
C
2
C
9
C
1, C2: Power supply bypass capacitors. Parallel combination of 1µF to 10µF aluminum electrolytic capacitor and 0.1µF ceramic capacitor.
C
3, C4, C5: VREF and VCOM bypass capacitors. 1µF to 10µF aluminum electrolytic capacitor.
C
6-C9: Input/output AC-coupling capacitors. 0.1µF to 10µF. If VIN+, VIN–, VOUT+, VOUT– are operated in reference
to V
COM, these capacitors are not required.
+
C
7
+
C
8
PCM3501
OPA337
+
4.7
µF
Use voltage follower
to buffer V
COM
To Bias
Nodes
V
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com