Electronic Components Datasheet Search
  English  ▼

X  

TLV2302IP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2302IP
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2302IP Datasheet(HTML) 5 Page - Texas Instruments

  TLV2302IP Datasheet HTML 1Page - Texas Instruments TLV2302IP Datasheet HTML 2Page - Texas Instruments TLV2302IP Datasheet HTML 3Page - Texas Instruments TLV2302IP Datasheet HTML 4Page - Texas Instruments TLV2302IP Datasheet HTML 5Page - Texas Instruments TLV2302IP Datasheet HTML 6Page - Texas Instruments TLV2302IP Datasheet HTML 7Page - Texas Instruments TLV2302IP Datasheet HTML 8Page - Texas Instruments TLV2302IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TLV2302, TLV2304
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS
AND OPEN DRAIN COMPARATORS
SLOS343 – DECEMBER 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VCC = 2.7, 5 V, and 15 V (unless
otherwise noted) (continued)
amplifier output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VCC 27 V
25
°C
2.55
2.65
VCC = 2.7V
Full range
2.5
VOH
High level output voltage
VIC = VCC/2,
VCC 5V
25
°C
4.85
4.95
V
VOH
High-level output voltage
IC
CC ,
IOH = –50 μA
VCC = 5V
Full range
4.8
V
VCC 15 V
25
°C
14.85
14.95
VCC = 15 V
Full range
14.8
VOL
Low level output voltage
VIC =VCC/2 IOL =50 μA
25
°C
180
260
mV
VOL
Low-level output voltage
VIC = VCC/2, IOL = 50 μA
Full range
300
mV
IO
Output current
VO = 0.5 V from rail
25
°C
±200
μA
† Full range is –40°C to 125°C.
amplifier dynamic performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
UGBW
Unity gain bandwidth
RL = 500 kΩ,
CL = 100 pF
25
°C
5.5
kHz
SR
Slew rate at unity gain
VO(pp) = 0.8 V,
RL = 500 kΩ,
CL = 100 pF
25
°C
2.5
V/ms
φM
Phase margin
RL 500 kΩ
CL 100 pF
25
°C
60
°
Gain margin
RL = 500 kΩ,
CL = 100 pF
25
°C
15
dB
t
Settling time
VCC = 2.7 or 5 V,
V(STEP)PP = 1 V, CL = 100 pF,
AV = –1,
RL = 100 kΩ
0.1%
25
°C
1.84
ms
ts
Settling time
VCC = 15 V,
V(STEP)PP =1V CL = 100 pF
0.1%
25
°C
6.1
ms
V(STEP)PP = 1V, CL = 100 F,
AV = –1,
RL = 100 kΩ
0.01%
32
V
Equivalent input noise
f = 0.1 to 10 Hz
25
°C
5.3
μVpp
Vn
Equivalent in ut noise
voltage
f = 100 Hz
25
°C
500
nV/
√Hz
In
Equivalent input noise
current
f = 100 Hz
25
°C
8
fA/
√Hz
supply current
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
Sl
t (
d
RN
ll
VCC = 2.7 V or 5 V
25
°C
1.4
ICC
Supply current (one op-amp and one
comparator)
Rp = No pullup,
Output state high
VCC 15 V
25
°C
1.4
1.7
μA
com arator)
Out ut state high
VCC = 15 V
Full range
2.3
Reverse supply current
VCC = –18 V, VI = 0 V, VO = open
25
°C
50
nA
† Full range is –40°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com