Electronic Components Datasheet Search
  English  ▼

X  

TLV2302IP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2302IP
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2302IP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2302IP Datasheet HTML 6Page - Texas Instruments TLV2302IP Datasheet HTML 7Page - Texas Instruments TLV2302IP Datasheet HTML 8Page - Texas Instruments TLV2302IP Datasheet HTML 9Page - Texas Instruments TLV2302IP Datasheet HTML 10Page - Texas Instruments TLV2302IP Datasheet HTML 11Page - Texas Instruments TLV2302IP Datasheet HTML 12Page - Texas Instruments TLV2302IP Datasheet HTML 13Page - Texas Instruments TLV2302IP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TLV2302, TLV2304
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS
AND OPEN DRAIN COMPARATORS
SLOS343 – DECEMBER 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AMPLIFIER TYPICAL CHARACTERISTICS
Figure 19
DIFFERENTIAL VOLTAGE GAIN AND PHASE
vs
FREQUENCY
f – Frequency – Hz
10
100
1k
10k
10
0
–20
–10
30
20
40
50
0
–45
45
90
VCC=2.7, 5, 15 V
RL=500 kΩ
CL=100 pF
TA=25°C
60
135
Figure 20
0
1
2
3
4
5
6
7
2.5 4.0 5.5 7.0 8.5 10.0 11.5 13.0 14.5 16.0
GAIN BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
TA = 25°C
RL = 100 kΩ
CL = 100 pF
f = 1kHz
VCC – Supply Voltage –V
Figure 21
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–40 –25 –10 5 20 35 50 65 80 95 110 125
SLEW RATE
vs
FREE-AIR TEMPERATURE
VCC = 5, 15 V
TA – Free-Air Temperature – °C
SR+
SR–
VCC = 2.7 V
VCC = 2.7, 5, 15 V
Figure 22
–1
0
1
2
3
4
5
6
7
8
–1
012
3456
LARGE SIGNAL FOLLOWER
PULSE RESPONSE
VIN
t – Time – ms
VCC = 5 V
AV = 1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
–1
0
3
4
VO
2
1
Figure 23
–20
0
20
40
60
80
100
120
140
160
180
–50 0 50 100 150 200 250 300 350 400 450 500
SMALL SIGNAL FOLLOWER
PULSE RESPONSE
VIN
t – Time –
μs
VCC = 2.7, 5,
& 15 V
AV = 1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
–150
150
300
VO
0
Figure 24
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
–1
0
1
2
3
45
67
LARGE SIGNAL INVERTING
PULSE RESPONSE
VIN
t – Time – ms
VCC = 5 V
AV = –1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
2
VO
4
3
0
–1
1
Figure 25
–150
–100
–50
0
50
100
150
200
–200
0
200
400
600
800 1000 1200
SMALL SIGNAL INVERTING
PULSE RESPONSE
VIN
t – Time – ms
VCC = 2.7, 5,
& 15 V
AV = –1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
VO
0
–100
200
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com