Electronic Components Datasheet Search
  English  ▼

X  

TLV2302IP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2302IP
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2302IP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2302IP Datasheet HTML 9Page - Texas Instruments TLV2302IP Datasheet HTML 10Page - Texas Instruments TLV2302IP Datasheet HTML 11Page - Texas Instruments TLV2302IP Datasheet HTML 12Page - Texas Instruments TLV2302IP Datasheet HTML 13Page - Texas Instruments TLV2302IP Datasheet HTML 14Page - Texas Instruments TLV2302IP Datasheet HTML 15Page - Texas Instruments TLV2302IP Datasheet HTML 16Page - Texas Instruments TLV2302IP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TLV2302, TLV2304
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS
AND OPEN DRAIN COMPARATORS
SLOS343 – DECEMBER 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
offset voltage
The output offset voltage, (VOO) is the sum of the input offset voltage (VIO) and both input bias currents (IIB) times
the corresponding gains. The following schematic and formula can be used to calculate the output offset
voltage.
VOO VIO 1
RF
RG
IIB RS 1
RF
RG
IIB– RF
+
–
VI
+
RG
RS
RF
IIB–
VO
IIB+
Figure 34. Output Offset Voltage Model
general configurations
When receiving low-level signals, limiting the bandwidth of the incoming signals into the system is often
required. The simplest way to accomplish this is to place an RC filter at the noninverting terminal of the amplifier
(see Figure 35).
VI
VO
C1
+
–
RG
RF
R1
f–3dB
1
2 R1C1
VO
VI
1
RF
RG
1
1
sR1C1
Figure 35. Single-Pole Low-Pass Filter
If even more attenuation is needed, a multiple pole filter is required. The Sallen-Key filter can be used for this
task. For best results, the amplifier should have a bandwidth that is 8 to 10 times the filter frequency bandwidth.
Failure to do this can result in phase shift of the amplifier.
VI
C2
R2
R1
C1
RF
RG
R1 = R2 = R
C1 = C2 = C
Q = Peaking Factor
(Butterworth Q = 0.707)
(
=
1
Q
2 –
)
RG
RF
_
+
f–3dB
1
2 RC
Figure 36. 2-Pole Low-Pass Sallen-Key Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com