Electronic Components Datasheet Search
  English  ▼

X  

TLV2302IP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2302IP
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2302IP Datasheet(HTML) 1 Page - Texas Instruments

  TLV2302IP Datasheet HTML 1Page - Texas Instruments TLV2302IP Datasheet HTML 2Page - Texas Instruments TLV2302IP Datasheet HTML 3Page - Texas Instruments TLV2302IP Datasheet HTML 4Page - Texas Instruments TLV2302IP Datasheet HTML 5Page - Texas Instruments TLV2302IP Datasheet HTML 6Page - Texas Instruments TLV2302IP Datasheet HTML 7Page - Texas Instruments TLV2302IP Datasheet HTML 8Page - Texas Instruments TLV2302IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TLV2302, TLV2304
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS
AND OPEN DRAIN COMPARATORS
SLOS343 – DECEMBER 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Micro-Power Operation ... 1.4
μA
Input Common-Mode Range Exceeds the
Rails . . . –0.1 V to VCC + 5 V
Supply Voltage Range . . . 2.5 V to 16 V
Rail-to-Rail Input/Output (Amplifier)
Reverse Battery Protection Up to 18 V
Gain Bandwidth Product . . . 5.5 kHz
(Amplifier)
Open-Drain CMOS Output Stage
(Comparator)
Specified Temperature Range
– TA = –40°C to 125°C . . . Industrial Grade
Ultrasmall Packaging
– 8-Pin MSOP (TLV2302)
Universal Op-Amp EVM (See the SLOU060
for More Information)
The TLV230x combines sub-micropower operational amplifier and comparator into a single package that
produces excellent micropower signal conditioning with only 1.4
μA of supply current. This combination gives
the designer more board space and reduces part counts in systems that require an operational amplifier and
comparator. The low supply current makes it an ideal choice for battery-powered portable applications where
quiescent current is the primary concern. Reverse battery protection guards the amplifier from an over-current
condition due to improper battery installation. For harsh environments, the inputs can be taken 5 V above the
positive supply rail without damage to the device.
The TLV230x’s low supply current is coupled with extremely low input bias currents enabling them to be used
with mega-ohm resistors making them ideal for portable, long active life, applications. DC accuracy is ensured
with a low typical offset voltage as low as 390
μV, CMRR of 90 dB and minimum open loop gain of 130 V/mV
at 2.7 V.
The maximum recommended supply voltage is as high as 16 V and ensured operation down to 2.5 V, with
electrical characteristics specified at 2.7 V, 5 V, and 15 V. The 2.5-V operation makes it compatible with Li-Ion
battery-powered systems and many micropower microcontrollers available today including TI’s MSP430.
All members are available in PDIP and SOIC with the duals (one op-amp and one comparator) in the small
MSOP package, and the quads (two operational amplifiers and two comparators) in the TSSOP package.
A SELECTION OF OUTPUT COMPARATORS†
DEVICE
VCC
(V)
VIO
(
μV)
ICC/Ch
(
μA)
GBW
(kHz)
SR
(V/
μs)
tPLH
(
μs)
tPHL
(
μs)
tf
(
μs)
RAIL-TO-
RAIL
OUTPUT
STAGE
TLV230x
2.5 – 16
390
1.4‡
5.5
0.0025
55
30
5
I/O
OD
TLV270x
2.5 – 16
390
1.4‡
5.5
0.0025
55
30
5
I/O
PP
TLV240x
2.5 – 16
390
880
5.5
0.0025
—
—
—
I/O
—
TLV224x
2.5 – 12
600
1
5.5
0.002
—
—
—
I/O
—
TLV340x
2.5 – 16
250
0.47
—
—
55
30
5
I
OD
TLV370x
2.5 – 16
250
0.47
—
—
55
30
5
I
PP
† All specifications are typical values measured at 5 V.
‡ ICC is specified as one op-amp and one comparator.
–
+
2.5
0
0
VCC – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
0.5
1
1.5
2
2
4
6
8
10
12
14
16
Op Amp
VI = VCC/2
Comparator
VID = –1 V
Rp = 1MΩ (pullup to VCC)
TA = 25°C
2.25
1.75
1.25
0.75
0.25
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLV2302IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2302IP TI-TLV2302IP Datasheet
396Kb / 22P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2302IP TI2-TLV2302IP Datasheet
455Kb / 22P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
DECEMBER 2000
TLV2302IP.A TI2-TLV2302IP.A Datasheet
455Kb / 22P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
DECEMBER 2000
More results

Similar Description - TLV2302IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2302 TI-TLV2302 Datasheet
396Kb / 22P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3402 TI-TLV3402 Datasheet
257Kb / 14P
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV1861 TI-TLV1861 Datasheet
1Mb / 31P
TLV185x and TLV186x Family of 40 V, Nanopower Comparators
DECEMBER 2022
TLV1851 TI1-TLV1851 Datasheet
1Mb / 36P
TLV185x and TLV186x Family of 40 V, Nanopower Comparators
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com