Electronic Components Datasheet Search
  English  ▼

X  

TLV2302IP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2302IP
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2302IP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2302IP Datasheet HTML 2Page - Texas Instruments TLV2302IP Datasheet HTML 3Page - Texas Instruments TLV2302IP Datasheet HTML 4Page - Texas Instruments TLV2302IP Datasheet HTML 5Page - Texas Instruments TLV2302IP Datasheet HTML 6Page - Texas Instruments TLV2302IP Datasheet HTML 7Page - Texas Instruments TLV2302IP Datasheet HTML 8Page - Texas Instruments TLV2302IP Datasheet HTML 9Page - Texas Instruments TLV2302IP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TLV2302, TLV2304
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS
AND OPEN DRAIN COMPARATORS
SLOS343 – DECEMBER 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VCC = 2.7, 5 V, and 15 V (unless
otherwise noted) (continued)
comparator dc performance
PARAMETER
TEST CONDITIONS†
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VV
/2
R
50
Ω
25
°C
250
5000
μV
VIO
Input offset voltage
VIC= VCC/2,
RS = 50 Ω,
Rp =1MΩ (pullup to VCC)
Full range
7000
μV
αVIO
Offset voltage drift
Rp =1MΩ ( ullu to VCC)
25
°C
3
μV/°C
VCC =2 7V
25
°C
55
72
VCC = 2.7V
Full range
50
CMRR Common mode rejection ratio
VIC= 0 to VCC,
VCC 5V
25
°C
60
76
dB
CMRR Common-mode rejection ratio
IC
CC,
RS = 50 Ω
VCC = 5V
Full range
55
dB
VCC 15 V
25
°C
65
88
VCC = 15 V
Full range
60
AVD
Large-signal differential voltage
amplification
Rp = 1 MΩ (pullup to VCC)
25
°C
1000
V/mV
VCC 2 7 to5V
25
°C
75
100
PSRR
Power supply rejection ratio
VIC = VCC/2 V,
VCC = 2.7to5V
Full range
70
dB
PSRR
yj
(
ΔVCC/ΔVIO)
IC
CC
No load
VCC 5to15V
25
°C
85
105
dB
VCC = 5to15V
Full range
80
† Full range is –40°C to 125°C.
comparator output characteristics
PARAMETER
TEST CONDITIONS†
TA†
MIN
TYP
MAX
UNIT
IOZ
High-impedance output leakage
current
VIC = VCC/2,
VO = VCC, VID = 1 V
25
°C
50
pA
VOL
Low level output voltage
VIC =VCC/2
IOL =50 μAVID =1 V
25
°C
80
200
mV
VOL
Low-level output voltage
VIC = VCC/2,
IOL = 50 μA, VID = –1V
Full range
300
mV
† Full range is –40°C to 125°C.
switching characteristics at recommended operating conditions, VCC = 2.7 V, 5 V, 15 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
Pti
d l
ti
Overdrive = 2 mV
175
t(PLH)
Propagation delay time,
low-to-high-level output
f = 10 kHz
Overdrive = 10 mV
25
°C
55
()
low-to-high-level out ut
f = 10 kHz,
VSTEP = 1 V,
Overdrive = 50 mV
25
μs
Pti
d l
ti
STEP
,
CL = 10 pF,
R1 M
Ω (ll
t V
)
Overdrive = 2 mV
300
μs
t(PHL)
Propagation delay time,
high-to-low-level output
Rp = 1 MΩ (pullup to VCC)
Overdrive = 10 mV
25
°C
60
()
high-to-low-level out ut
Overdrive = 50 mV
30
tf
Fall time
CL = 10 pF
25
°C
5
μs
NOTE: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com