Electronic Components Datasheet Search
  English  ▼

X  

TLV2302IP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2302IP
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2302IP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2302IP Datasheet HTML 7Page - Texas Instruments TLV2302IP Datasheet HTML 8Page - Texas Instruments TLV2302IP Datasheet HTML 9Page - Texas Instruments TLV2302IP Datasheet HTML 10Page - Texas Instruments TLV2302IP Datasheet HTML 11Page - Texas Instruments TLV2302IP Datasheet HTML 12Page - Texas Instruments TLV2302IP Datasheet HTML 13Page - Texas Instruments TLV2302IP Datasheet HTML 14Page - Texas Instruments TLV2302IP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TLV2302, TLV2304
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS
AND OPEN DRAIN COMPARATORS
SLOS343 – DECEMBER 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
COMPARATOR TYPICAL CHARACTERISTICS
Figure 26
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
0
0.1
0.2 0.3 0.4 0.5
0.6 0.7 0.8
VCC = 2.7 V
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C
Figure 27
0
2
2.5
3
3.5
4.5
5
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
0.5
1
1.5
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
VCC = 5 V
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C
4
–200
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
–40 –25 –10 5
20 35 50 65 80 95 110 125
OPEN COLLECTOR LEAKAGE CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 15 V
VCC = 2.7 V, 5 V
VID = 1 V
Figure 28
Figure 29
4
0
24
6
10
13
15
VCC – Supply Voltage – V
OUTPUT FALL TIME
vs
SUPPLY VOLTAGE
VID= 1 V to –1 V
Rp = 1 MΩ (pullup to VCC)
Input Fall Time = 500 ns
TA = 25°C
CL = 50 pF
CL = 10 pF
35
9
12
14
1
2
3
5
6
7
8
78
11
Figure 30
0
0.5
1
1.5
2
2.5
0
50
100
150
200
250 300
0
0.05
0.1
t – Time –
μs
LOW-TO-HIGH LEVEL OUTPUT
RESPONSE FOR VARIOUS
INPUT OVERDRIVES
VCC = 2.7 V
CL = 10 pF
RP = 1 MΩ (Pullup to VCC)
TA = 25°C
10 mV
50 mV
2 mV
3
Figure 31
t – Time –
μs
LOW-TO-HIGH LEVEL OUTPUT
RESPONSE FOR VARIOUS
INPUT OVERDRIVES
1
2
0
0.05
0.1
5
10 mV
50 mV
2 mV
0
0
50
100
150
200
250
300
3
4
VCC = 5 V
CL = 10 pF
RP = 1 MΩ (Pullup to VCC)
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com