Electronic Components Datasheet Search
  English  ▼

X  

ISP1301 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISP1301
Description  Universal Serial Bus On-The-Go transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1301 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISP1301 Datasheet HTML 4Page - NXP Semiconductors ISP1301 Datasheet HTML 5Page - NXP Semiconductors ISP1301 Datasheet HTML 6Page - NXP Semiconductors ISP1301 Datasheet HTML 7Page - NXP Semiconductors ISP1301 Datasheet HTML 8Page - NXP Semiconductors ISP1301 Datasheet HTML 9Page - NXP Semiconductors ISP1301 Datasheet HTML 10Page - NXP Semiconductors ISP1301 Datasheet HTML 11Page - NXP Semiconductors ISP1301 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Philips Semiconductors
ISP1301
USB OTG transceiver
Product data
Rev. 01 — 14 April 2004
8 of 46
9397 750 11355
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.4 ID detector
In either the active or suspended power mode, the ID detector senses the condition of
the ID line and differentiates between the following three conditions:
• Pin ID is floating; bit ID_FLOAT = 1
• Pin ID is shorted to ground; bit ID_GND = 1
• Pin ID is connected to ground through resistor RACC_ID; bit ID_FLOAT = 0 and bit
ID_GND = 0.
The ID detector also has a switch that can be used to ground pin ID. This switch is
controlled by bit ID_PULLDOWN in the serial controller.
8.5 Pull-up and pull-down resistors
The pull-up and pull-down resistors include the following switchable resistors:
• Pin DP pull-up
• Pin DP pull-down
• Pin DM pull-up
• Pin DM pull-down.
The pull-up resistor is a context variable as described in the
ECN_27%_Resistor
document. The variable pull-up resistor hardware is implemented to meet the USB
ECN_27% specification.
8.6 USB transceiver (ATX)
The behavior of the USB transceiver depends on the operation mode of the ISP1301:
• In the USB mode, the USB transceiver block performs USB full-speed or
low-speed transceiver functions. This includes differential driver, differential
receiver and single-ended receivers.
• In the transparent general purpose buffer mode or the UART mode, the USB
transceiver block functions as a level shifter between the pins DAT/VP and SE0/VM
and the pins DP and DM.
8.7 3.3 V DC-DC regulator
The built-in 3.3 V DC-DC regulator conditions the supply voltage (VBAT) for use in the
ISP1301:
• VBAT = 3.6 V to 4.5 V: the regulator will output 3.3 V ± 10 %
• VBAT < 3.6 V: the regulator will be bypassed.
The output of the regulator can be monitored on the VREG(3V3) pin.
8.8 Car kit interrupt detector
The car kit interrupt detector is a comparator that detects when the DP line is below
the car kit interrupt threshold VPH_CR_INT (0.4 V to 0.6 V). The car kit interrupt
detector is enabled in the audio mode only (bit AUDIO_EN = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com