Electronic Components Datasheet Search
  English  ▼

X  

ISP1301 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # ISP1301
Description  Universal Serial Bus On-The-Go transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1301 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button ISP1301 Datasheet HTML 22Page - NXP Semiconductors ISP1301 Datasheet HTML 23Page - NXP Semiconductors ISP1301 Datasheet HTML 24Page - NXP Semiconductors ISP1301 Datasheet HTML 25Page - NXP Semiconductors ISP1301 Datasheet HTML 26Page - NXP Semiconductors ISP1301 Datasheet HTML 27Page - NXP Semiconductors ISP1301 Datasheet HTML 28Page - NXP Semiconductors ISP1301 Datasheet HTML 29Page - NXP Semiconductors ISP1301 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Philips Semiconductors
ISP1301
USB OTG transceiver
Product data
Rev. 01 — 14 April 2004
26 of 46
9397 750 11355
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
13. I2C-bus protocol
For detailed information, refer to
The I2C-bus specification; version 2.1.
13.1 I2C-bus byte transfer format
[1]
S = Start; A = Acknowledge; P = Stop.
13.2 I2C-bus device address
13.3 Write format
A write operation can be performed as:
• One-byte write to the specified register address
• Multi-byte write to N consecutive registers, starting from the specified start
address. N defines the number of registers to write. If N = 1, only the start register
is written.
13.3.1
One-byte write
Figure 12 illustrates the byte sequence.
Table 33:
I2C-bus byte transfer format[1]
S
Byte 1
A
Byte 2
A
Byte 3
A
…
A
P
8 bits
8 bits
8 bits
…
Table 34:
Device address byte 1
Bit
7
6
5
4
3
2
1
0
device address
-
Name
A6
A5
A4
A3
A2
A1
A0
R/W
Value
0
1
0
1
1
0
X
X
Table 35:
Bit description
Bit
Symbol Description
7 to 1
A[6:0]
Device address: The device address of the ISP1301 is: 0101 10 (A0).
The value of A0 (LSB) is loaded from pin ADR/PSW during reset
(including power-on reset). If pin ADR/PSW = HIGH, bit A0 = 1;
otherwise bit A0 = 0.
0
R/W
Read/write command.
0 — write
1 — read.
Table 36:
Transfer format description for one-byte write
Byte
Description
S
master starts with a START condition
Device select
master transmits device address and write command bit R/W = 0
ACK
slave generates an acknowledgment
Register address K
master transmits address of register K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com