Electronic Components Datasheet Search
  English  ▼

X  

ISP1301 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # ISP1301
Description  Universal Serial Bus On-The-Go transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1301 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button ISP1301 Datasheet HTML 14Page - NXP Semiconductors ISP1301 Datasheet HTML 15Page - NXP Semiconductors ISP1301 Datasheet HTML 16Page - NXP Semiconductors ISP1301 Datasheet HTML 17Page - NXP Semiconductors ISP1301 Datasheet HTML 18Page - NXP Semiconductors ISP1301 Datasheet HTML 19Page - NXP Semiconductors ISP1301 Datasheet HTML 20Page - NXP Semiconductors ISP1301 Datasheet HTML 21Page - NXP Semiconductors ISP1301 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Philips Semiconductors
ISP1301
USB OTG transceiver
Product data
Rev. 01 — 14 April 2004
18 of 46
9397 750 11355
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Version ID register (Read: 14H–15H): Table 16 shows the bit allocation of this
register.
11.1.2
Mode control registers
Mode Control 1 register (Set/Clear: 04H/05H): The bit allocation of the Mode
Control 1 register is given in Table 17.
Mode Control 2 register (Set/Clear: 12H/13H): For the bit allocation of this register,
see Table 19.
Table 16:
Version ID register: bit description
Bit
Symbol
Access
Value
Description
15 to 0
VERSIONID
[15:0]
R
0210H
Version number of the ISP1301
Table 17:
Mode Control 1 register: bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
-
UART_EN
OE_INT_
EN
BDIS_
ACON_EN
TRANSP_
EN
DAT_SE0
SUSPEND
_REG
SPEED_
REG
Reset
-
0000000
Access
R/S/C
R/S/C
R/S/C
R/S/C
R/S/C
R/S/C
R/S/C
R/S/C
Table 18:
Mode Control 1 register: bit description
Bit
Symbol
Description
7
-
reserved
6
UART_EN
When set, the ATX is in the transparent UART mode.
5
OE_INT_EN
When set and when in the suspend mode, pin OE_N/INT_N
becomes an output and is asserted when an interrupt occurs.
4
BDIS_ACON_EN
Enables the A-device to connect if the B-device disconnect is
detected; see Section 11.3
3
TRANSP_EN
When set, the ATX is in the transparent mode.
2
DAT_SE0
0 — VP_VM mode
1 — DAT_SE0 mode; see Table 6 and Table 7
1
SUSPEND_REG
Sets the ISP1301 in the suspend mode, if bit
SPD_SUSP_CTRL = 1.
0 — active-power mode
1 — USB suspend mode
0
SPEED_REG
Sets the rise time and the fall time of the transmit driver in
USB modes, if bit SPD_SUSP_CTRL = 1.
0 — USB low-speed mode
1 — USB full-speed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com