Electronic Components Datasheet Search
  English  ▼

X  

THS3095DR Datasheet(PDF) 5 Page - Texas Instruments

Part # THS3095DR
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DR Datasheet(HTML) 5 Page - Texas Instruments

  THS3095DR Datasheet HTML 1Page - Texas Instruments THS3095DR Datasheet HTML 2Page - Texas Instruments THS3095DR Datasheet HTML 3Page - Texas Instruments THS3095DR Datasheet HTML 4Page - Texas Instruments THS3095DR Datasheet HTML 5Page - Texas Instruments THS3095DR Datasheet HTML 6Page - Texas Instruments THS3095DR Datasheet HTML 7Page - Texas Instruments THS3095DR Datasheet HTML 8Page - Texas Instruments THS3095DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
www.ti.com
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
-40
°C to
MIN/TYP/
25
°C
25
°C
UNIT
70
°C
85
°C
MAX
OUTPUT CHARACTERISTICS
RL = 1 kΩ
±13.2
±12.8
±12.5
±12.5
Output voltage swing
V
MIN
RL = 100 Ω
±12.5
±12.1
±11.8
±11.8
Output current (sourcing)
RL = 40 Ω
280
225
200
200
mA
MIN
Output current (sinking)
RL = 40 Ω
250
200
175
175
mA
MIN
Output impedance
f = 1 MHz, Closed loop
0.06
Ω
TYP
POWER SUPPLY
Specified operating voltage
±15
±16
±16
±16
V
MAX
Maximum quiescent current
9.5
10.5
11
11
mA
MAX
Minimum quiescent current
9.5
8.5
8
8
mA
MIN
Power supply rejection (+PSRR)
VS+ = 15.5 V to 14.5 V, VS- = 15 V
75
70
65
65
dB
MIN
Power supply rejection (-PSRR)
VS+ = 15 V, VS- = -15.5 V to -14.5 V
73
68
65
65
dB
MIN
POWER-DOWN CHARACTERISTICS (THS3095 ONLY)
Enable, REF = 0 V
≤
Power-down voltage level
V
MAX
Power-down , REF = 0 V
≥ 2
Power-down quiescent current
PD = 0V
500
700
800
800
µA
MAX
VPD = 0 V, REF = 0 V,
11
15
20
20
VPD quiescent current
µA
MAX
VPD = 3.3 V, REF = 0 V
11
15
20
20
Turnon time delay
90% of final value
60
µs
TYP
Turnoff time delay
10% of final value
150
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com