Electronic Components Datasheet Search
  English  ▼

X  

THS3095DR Datasheet(PDF) 12 Page - Texas Instruments

Part # THS3095DR
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DR Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS3095DR Datasheet HTML 8Page - Texas Instruments THS3095DR Datasheet HTML 9Page - Texas Instruments THS3095DR Datasheet HTML 10Page - Texas Instruments THS3095DR Datasheet HTML 11Page - Texas Instruments THS3095DR Datasheet HTML 12Page - Texas Instruments THS3095DR Datasheet HTML 13Page - Texas Instruments THS3095DR Datasheet HTML 14Page - Texas Instruments THS3095DR Datasheet HTML 15Page - Texas Instruments THS3095DR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
www.ti.com
1
10
100
1000
10
100
1 k
10 k
100 k
f − Frequency − Hz
In−
In+
Vn
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
0
1
2
3
4
5
6
7
8
9
10
t - Time - ns
Gain = -2
RL = 100 Ω
RF =1 kΩ
VS = ±15 V
Rising Edge
Falling Edge
0
1000
2000
3000
4000
5000
6000
7000
8000
0
2
4
6
8
10
12
14 16
18
20
VO - Output Voltage - VPP
Gain = 5
RL = 100 Ω
RF = 1 kΩ
VS = ±15 V
Fall
Rise
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
2
4
6
8
10
12
t - Time - ns
Gain = -2
RL = 100 Ω
RF = 1 kΩ
VS = ±15 V
Rising Edge
Falling Edge
6
6.5
7
7.5
8
8.5
9
9.5
10
3
4
5
6
7
8
9
10 11 12 13 14 15
VS − Supply Voltage − ±V
TA = −40 °C
TA = 85 °C
TA = 25 °C
0
2
4
6
8
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
VO = 4VPP
VO = 2VPP
Gain = 5
RF = 1 kΩ,
RL = 100 Ω,
VS = ±15 V
-16
-12
-8
-4
0
4
8
12
16
10
100
1000
RL - Load Resistance - Ω
VS = ±15 V
TA = -40 to 85°C
0
0.5
1
1.5
2
2.5
3
-40 -30 -20-10
0 10 20 30 40 50 60 70 80 90
TC - Case Temperature - °C
VS = ±5 V
VS = ±15 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
-40 -30 -20 -10
0 10 20 30 40 50 60 70 80 90
TC - Case Temperature - °C
IOS
IIB-
IIB+
VS = ±15 V
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (
±15 V) (continued)
SLEW RATE
NOISE
vs
vs
OUTPUT VOLTAGE STEP
FREQUENCY
SETTLING TIME
Figure 19.
Figure 20.
Figure 21.
QUIESCENT CURRENT
QUIESCENT CURRENT
vs
vs
SETTLING TIME
SUPPLY VOLTAGE
FREQUENCY
Figure 22.
Figure 23.
Figure 24.
INPUT BIAS AND
OUTPUT VOLTAGE
OFFSET CURRENT
INPUT OFFSET VOLTAGE
vs
vs
vs
LOAD RESISTANCE
CASE TEMPERATURE
CASE TEMPERATURE
Figure 25.
Figure 26.
Figure 27.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com