Electronic Components Datasheet Search
  English  ▼

X  

THS3095DR Datasheet(PDF) 20 Page - Texas Instruments

Part # THS3095DR
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DR Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS3095DR Datasheet HTML 16Page - Texas Instruments THS3095DR Datasheet HTML 17Page - Texas Instruments THS3095DR Datasheet HTML 18Page - Texas Instruments THS3095DR Datasheet HTML 19Page - Texas Instruments THS3095DR Datasheet HTML 20Page - Texas Instruments THS3095DR Datasheet HTML 21Page - Texas Instruments THS3095DR Datasheet HTML 22Page - Texas Instruments THS3095DR Datasheet HTML 23Page - Texas Instruments THS3095DR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
www.ti.com
Driving Capacitive Loads
0
5
10
15
20
25
30
35
40
45
10
100
CL − Capacitive Load − pF
Gain = 5,
RL = 100 Ω,
VS = ±15 V
_
+
VS
−VS
49.9
Ω
1 k
Ω
5.11
Ω
1
µF
249
Ω
VS
100-
Ω LOAD
RISO
_
+
VS
−VS
49.9
Ω
5.11
Ω
1
µF
249
Ω
VS
27 pF
1 k
Ω
RF
RG
1 k
Ω
100-
Ω LOAD
RIN
_
+
VS
−VS
49.9
Ω
1 k
Ω
Ferrite Bead
1
µF
249
Ω
VS
100-
Ω LOAD
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
Placing a small series resistor, RISO, between the
amplifier’s output and the capacitive load, as shown
Applications such as FET line drivers can be highly
in Figure 64, is an easy way of isolating the load
capacitive
and
cause
stability
problems
for
capacitance.
high-speed amplifiers.
Using a ferrite chip in place of RISO, as shown in
Figure 63 through Figure 68 show recommended
Figure 65, is another approach of isolating the output
methods for driving capacitive loads. The basic idea
of the amplifier. The ferrite's impedance characteristic
is to use a resistor or ferrite chip to isolate the phase
versus
frequency
is
useful
to
maintain
the
shift at high frequency caused by the capacitive load
low-frequency load independence of the amplifier
from the amplifier’s feedback path. See Figure 63 for
while isolating the phase shift caused by the capaci-
recommended resistor values versus capacitive load.
tance at high frequency. Use a ferrite with similar
impedance to RISO, 20 Ω - 50 Ω, at 100 MHz and low
impedance at dc.
Figure 66 shows another method used to maintain
the low-frequency load independence of the amplifier
while isolating the phase shift caused by the capaci-
tance at high frequency. At low frequency, feedback
is mainly from the load side of RISO. At high fre-
quency, the feedback is mainly via the 27-pF
capacitor. The resistor RIN in series with the negative
input is used to stabilize the amplifier and should be
equal to the recommended value of RF at unity gain.
Replacing RIN with a ferrite of similar impedance at
about 100 MHz as shown in Figure 67 gives similar
results with reduced dc offset and low-frequency
Figure 63. Recommended RISO vs Capacitive Load
noise. (See the ADDITIONAL REFERENCE MA-
TERIAL section for expanding the usability of cur-
rent-feedback amplifiers.)
Figure 64.
Figure 66.
Figure 65.
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com