Electronic Components Datasheet Search
  English  ▼

X  

THS3095DR Datasheet(PDF) 2 Page - Texas Instruments

Part # THS3095DR
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DR Datasheet(HTML) 2 Page - Texas Instruments

  THS3095DR Datasheet HTML 1Page - Texas Instruments THS3095DR Datasheet HTML 2Page - Texas Instruments THS3095DR Datasheet HTML 3Page - Texas Instruments THS3095DR Datasheet HTML 4Page - Texas Instruments THS3095DR Datasheet HTML 5Page - Texas Instruments THS3095DR Datasheet HTML 6Page - Texas Instruments THS3095DR Datasheet HTML 7Page - Texas Instruments THS3095DR Datasheet HTML 8Page - Texas Instruments THS3095DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
www.ti.com
D, DDA
TOP VIEW
1
2
3
4
8
7
6
5
NC
VIN−
VIN+
VS−
NC
VS+
VOUT
NC
NC = No Internal Connection
THS3091
Note A: The devices with the power−down option defaults to the ON state if no signal is applied to the PD pin. Additionallly, the REF
pin functional range is from VS− to (VS+ − 4 V).
1
2
3
4
8
7
6
5
REF
VIN −
VIN +
VS−
PD
VS+
VOUT
NC
D, DDA
TOP VIEW
THS3095
NC = No Internal Connection
See Note A.
DISSIPATION RATING TABLE
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ODERING INFORMATION
PART NUMBER
PACKAGE TYPE
TRANSPORT MEDIA, QUANTITY
THS3091D
Rails, 75
SOIC-8
THS3091DR
Tape and Reel, 2500
THS3091DDA
Rails, 75
SOIC-8-PP(1)
THS3091DDAR
Tape and Reel, 2500
Power-down
THS3095D
Rails, 75
SOIC-8
THS3095DR
Tape and Reel, 2500
THS3095DDA
Rails, 75
SOIC-8-PP(1)
THS3095DDAR
Tape and Reel, 2500
(1)
The PowerPAD is electrically isolated from all other pins.
POWER RATING (2)
TJ = 125°C
PACKAGE
Θ
JC (°C/W)
Θ
JA (°C/W)
(1)
TA = 25°C
TA = 85°C
D-8
38.3
97.5
1.02 W
410 mW
DDA-8(3)
9.2
45.8
2.18 W
873 mW
(1)
This data was taken using the JEDEC standard High-K test PCB.
(2)
Power rating is determined with a junction temperature of 125
°C. This is the point where distortion starts to substantially increase.
Thermal management of the final PCB should strive to keep the junction temperature at or below 125
°C for best performance and
long-term reliability.
(3)
The THS3091 and THS3095 may incorporate a PowerPAD™ on the underside of the chip. This acts as a heatsink and must be
connected to a thermally dissipating plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction
temperature which could permanently damage the device. See TI Technical Brief SLMA002 for more information about utilizing the
PowerPAD™ thermally enhanced package.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com