Electronic Components Datasheet Search
  English  ▼

X  

THS3095DR Datasheet(PDF) 14 Page - Texas Instruments

Part # THS3095DR
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DR Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS3095DR Datasheet HTML 10Page - Texas Instruments THS3095DR Datasheet HTML 11Page - Texas Instruments THS3095DR Datasheet HTML 12Page - Texas Instruments THS3095DR Datasheet HTML 13Page - Texas Instruments THS3095DR Datasheet HTML 14Page - Texas Instruments THS3095DR Datasheet HTML 15Page - Texas Instruments THS3095DR Datasheet HTML 16Page - Texas Instruments THS3095DR Datasheet HTML 17Page - Texas Instruments THS3095DR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
www.ti.com
−0.1
0
0.1
0.2
0.3
0
1
2
3
4
5
0
1
2
3
4
5
6
t − Time − ms
Output Voltage
Power-down Pulse
6
7
Gain = 2,
VI = 0.1 Vdc
RL = 100 Ω
VS = ±15 V and ±5 V
0
100
200
300
400
500
600
3
4
5
6
7
8
9
10 11 12 13 14 15
TA = -40°C
VS - Supply Voltage - ±V
TA = 85°C
TA = 25°C
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (
±15 V) (continued)
POWER-DOWN QUIESCENT
CURRENT
vs
TURNON AND TURNOFF
SUPPLY VOLTAGE
TIME DELAY
Figure 37.
Figure 38.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com