Electronic Components Datasheet Search
  English  ▼

X  

THS3095DR Datasheet(PDF) 24 Page - Texas Instruments

Part # THS3095DR
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DR Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS3095DR Datasheet HTML 20Page - Texas Instruments THS3095DR Datasheet HTML 21Page - Texas Instruments THS3095DR Datasheet HTML 22Page - Texas Instruments THS3095DR Datasheet HTML 23Page - Texas Instruments THS3095DR Datasheet HTML 24Page - Texas Instruments THS3095DR Datasheet HTML 25Page - Texas Instruments THS3095DR Datasheet HTML 26Page - Texas Instruments THS3095DR Datasheet HTML 27Page - Texas Instruments THS3095DR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
www.ti.com
PowerPAD™ LAYOUT CONSIDERATIONS
POWER DISSIPATION AND THERMAL
P
Dmax
+
Tmax * TA
q
JA
where:
PDmax is the maximum power dissipation in the amplifier (W).
Tmax is the absolute maximum junction temperature (°C).
TA is the ambient temperature (°C).
θJA = θJC + θCA
θJC is the thermal coefficient from the silicon junctions to the
case (
°C/W).
θCA is the thermal coefficient from the case to ambient air
(
°C/W).
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
CONSIDERATIONS
1. PCB with a top-side etch pattern is shown in
Figure 72. There should be etch for the leads as
The
THS3091/5
incorporates
automatic
thermal
well as etch for the thermal pad.
shutoff protection. This protection circuitry shuts down
the amplifier if the junction temperature exceeds
2. Place 13 holes in the area of the thermal pad.
approximately 160
°C. When the junction temperature
These holes should be 10 mils in diameter. Keep
reduces to approximately 140
°C, the amplifier turns
them small so that solder wicking through the
on
again.
But,
for
maximum
performance
and
holes is not a problem during reflow.
reliability, the designer must ensure that the design
3. Additional vias may be placed anywhere along
does not exeed a junction temperature of 125
°C.
the thermal plane outside of the thermal pad
Between 125
°C and 150°C, damage does not occur,
area. This helps dissipate the heat generated by
but the performance of the amplifier begins to de-
the THS3091/5 IC. These additional vias may be
grade and long-term reliability suffers. The thermal
larger than the 10-mil diameter vias directly under
characteristics of the device are dictated by the
the thermal pad. They can be larger because
package and the PC board. Maximum power dissi-
they are not in the thermal pad area to be
pation for a given package can be calculated using
soldered so that wicking is not a problem.
the following formula.
4. Connect all holes to the internal ground plane.
Note that the PowerPAD is electrically isolated
from the silicon and all leads. Connecting the
PowerPAD to any potential voltage such as VS- is
acceptable as there is no electrical connection to
the silicon.
5. When connecting these holes to the ground
plane, do not use the typical web or spoke via
connection methodology. Web connections have
a high thermal resistance connection that is
useful for slowing the heat transfer during
soldering operations. This makes the soldering of
vias that have plane connections easier. In this
application, however, low thermal resistance is
desired for the most efficient heat transfer. There-
For systems where heat dissipation is more critical,
fore, the holes under the THS3091/5 PowerPAD
the THS3091 and THS3095 are offered in an 8-pin
package should make their connection to the
SOIC (DDA) with PowerPAD package. The thermal
internal ground plane with a complete connection
coefficient for the PowerPAD packages are substan-
around
the
entire
circumference
of
the
tially improved over the traditional SOIC. Maximum
plated-through hole.
power dissipation levels are depicted in the graph for
6. The top-side solder mask should leave the ter-
the available packages. The data for the PowerPAD
minals of the package and the thermal pad area
packages assume a board layout that follows the
with its 13 holes exposed. The bottom-side solder
PowerPAD layout guidelines referenced above and
mask should cover the 13 holes of the thermal
detailed in the PowerPAD application note (literature
pad area. This prevents solder from being pulled
number SLMA002). The following graph also illus-
away from the thermal pad area during the reflow
trates the effect of not soldering the PowerPAD to a
process.
PCB. The thermal impedance increases substantially
7. Apply solder paste to the exposed thermal pad
which may cause serious heat and performance
area and all of the IC terminals.
issues. Be sure to always solder the PowerPAD to
the PCB for optimum performance.
8. With these preparatory steps in place, the IC is
simply placed in position and run through the
solder
reflow
operation
as
any
standard
surface-mount component. This results in a part
that is properly installed.
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com