Electronic Components Datasheet Search
  English  ▼

X  

THS3095DDA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095DDA
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DDA Datasheet(HTML) 4 Page - Texas Instruments

  THS3095DDA Datasheet HTML 1Page - Texas Instruments THS3095DDA Datasheet HTML 2Page - Texas Instruments THS3095DDA Datasheet HTML 3Page - Texas Instruments THS3095DDA Datasheet HTML 4Page - Texas Instruments THS3095DDA Datasheet HTML 5Page - Texas Instruments THS3095DDA Datasheet HTML 6Page - Texas Instruments THS3095DDA Datasheet HTML 7Page - Texas Instruments THS3095DDA Datasheet HTML 8Page - Texas Instruments THS3095DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
V
S = ±15 V, RF = 1.21 kΩ, RL = 100 Ω, and G = 2 (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
-40
°C to
MIN/TYP/
25
°C
25
°C
UNIT
70
°C
85
°C
MAX
AC PERFORMANCE
G = 1, RF = 1.78 kΩ, VO = 200 mVPP
235
G = 2, RF = 1.21 kΩ, VO = 200 mVPP
210
Small-signal bandwidth, -3 dB
G = 5, RF = 1 kΩ, VO = 200 mVPP
190
MHz
TYP
G = 10, RF = 866 Ω, VO = 200 mVPP
180
0.1-dB bandwidth flatness
G = 2, RF = 1.21 kΩ, VO = 200 mVPP
95
Large-signal bandwidth
G = 5, RF = 1 kΩ , VO = 4 VPP
135
G = 2, VO = 10-V step, RF = 1.21 kΩ
5000
Slew rate (25% to 75% level)
V/µs
TYP
G = 5, VO = 20-V step, RF = 1 kΩ
7300
Rise and fall time
G = 2, VO = 5-VPP, RF = 1.21 kΩ
5
ns
TYP
Settling time to 0.1%
G = -2, VO = 2 VPP step
42
ns
TYP
Settling time to 0.01%
G = -2, VO = 2 VPP step
72
Harmonic distortion
RL = 100Ω
66
2nd Harmonic distortion
RL = 1 kΩ
77
G = 2, RF = 1.21 kΩ,
dBc
TYP
VO = 2 VPP, f = 10 MHz
RL = 100 Ω
74
3rd Harmonic distortion
RL = 1 kΩ
69
Input voltage noise
f > 10 kHz
2
nV /
√Hz
TYP
Noninverting input current noise
f > 10 kHz
14
pA /
√Hz
TYP
Inverting input current noise
f > 10 kHz
17
pA /
√Hz
TYP
NTSC
0.013%
Differential gain
PAL
0.011%
G = 2, RL = 150 Ω,
TYP
RF = 1.21 kΩ
NTSC
0.020
°
Differential phase
PAL
0.026
°
DC PERFORMANCE
Transimpedance
VO = ±7.5 V, Gain = 1
850
350
300
300
k
Ω
MIN
Input offset voltage
0.9
3
4
4
mV
MAX
VCM = 0 V
Average offset voltage drift
±10
±10
µV/
°C
TYP
Noninverting input bias current
4
15
20
20
µA
MAX
VCM = 0 V
Average bias current drift
±20
±20
nA/
°C
TYP
Inverting input bias current
3.5
15
20
20
µA
MAX
VCM = 0 V
Average bias current drift
±20
±20
nA/
°C
TYP
Input offset current
1.7
10
15
15
µA
MAX
VCM = 0 V
Average offset current drift
±20
±20
nA/
°C
TYP
INPUT CHARACTERISTICS
Common-mode input range
±13.6
±13.3
±13
±13
V
MIN
Common-mode rejection ratio
VCM = ±10 V
78
68
65
65
dB
MIN
Noninverting input resistance
1.3
M
Ω
TYP
Noninverting input capacitance
0.1
pF
TYP
Inverting input resistance
30
Ω
TYP
Inverting input capacitance
1.4
pF
TYP
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com