Electronic Components Datasheet Search
  English  ▼

X  

THS3095DDA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095DDA
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DDA Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS3095DDA Datasheet HTML 4Page - Texas Instruments THS3095DDA Datasheet HTML 5Page - Texas Instruments THS3095DDA Datasheet HTML 6Page - Texas Instruments THS3095DDA Datasheet HTML 7Page - Texas Instruments THS3095DDA Datasheet HTML 8Page - Texas Instruments THS3095DDA Datasheet HTML 9Page - Texas Instruments THS3095DDA Datasheet HTML 10Page - Texas Instruments THS3095DDA Datasheet HTML 11Page - Texas Instruments THS3095DDA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
±15-V GRAPHS
FIGURE
Noninverting small-signal frequency response
1, 2
Inverting small-signal frequency response
3
0.1-dB gain flatness frequency response
4
Noninverting large-signal frequency response
5
Inverting large-signal frequency response
6
Capacitive load frequency response
7
Recommended RISO
vs Capacitive load
8
2nd Harmonic distortion
vs Frequency
9, 11
3rd Harmonic distortion
vs Frequency
10, 12
2nd Harmonic distortion
vs Frequency
13
3rd Harmonic distortion
vs Frequency
14
Harmonic distortion
vs Output voltage swing
15, 16
Slew rate
vs Output voltage step
17, 18, 19
Noise
vs Frequency
20
Settling time
21, 22
Quiescent current
vs Supply voltage
23
Quiescent current
vs Frequency
24
Output voltage
vs Load resistance
25
Input bias and offset current
vs Case temperature
26
Input offset voltage
vs Case temperature
27
Transimpedance
vs Frequency
28
Rejection ratio
vs Frequency
29
Noninverting small-signal transient response
30
Inverting large-signal transient response
31, 32
Overdrive recovery time
33
Differential gain
vs Number of loads
34
Differential phase
vs Number of loads
35
Closed-loop output impedance
vs Frequency
36
Power-down quiescent current
vs Supply voltage
37
Turnon and turnoff time delay
38
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com