Electronic Components Datasheet Search
  English  ▼

X  

THS3095DDA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095DDA
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DDA Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS3095DDA Datasheet HTML 7Page - Texas Instruments THS3095DDA Datasheet HTML 8Page - Texas Instruments THS3095DDA Datasheet HTML 9Page - Texas Instruments THS3095DDA Datasheet HTML 10Page - Texas Instruments THS3095DDA Datasheet HTML 11Page - Texas Instruments THS3095DDA Datasheet HTML 12Page - Texas Instruments THS3095DDA Datasheet HTML 13Page - Texas Instruments THS3095DDA Datasheet HTML 14Page - Texas Instruments THS3095DDA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.ti.com
−100
−90
−80
−70
−60
−50
−40
1 M
10 M
100 M
f − Frequency − Hz
VO = 2 VPP,
RL = 1 kΩ,
VS = ±15 V
100 k
G = 1, RF = 1.78 kΩ
G = 2, RF = 1.21 kΩ
−90
−80
−70
−60
−50
−40
1 M
10 M
100 M
f − Frequency − Hz
G = 1, RF = 1.78 kΩ
100 k
−55
−85
−75
−65
−45
VO = 2 VPP,
RL = 1 kΩ,
VS = ±15 V
G = 2, RF = 1.21 kΩ
-100
-90
-80
-70
-60
-50
-40
1 M
10 M
100 M
f - Frequency - Hz
G = 1, RF = 1.78 kΩ
G = 2, RF = 1.21 kΩ
VO = 2 VPP,
RL = 100 Ω,
VS = ±15 V
100 k
−90
−80
−70
−60
−50
−40
1 M
10 M
100 M
f − Frequency − Hz
G = 5,
RF = 1 kΩ,
RL = 100 Ω,
VS = ±15 V
−30
VO = 20 VPP
VO = 10 VPP
VO = 2 VPP
−90
−80
−70
−60
−50
−40
1 M
10 M
100 M
f − Frequency − Hz
G = 5,
RF = 1 kΩ,
RL = 100 Ω,
VS = ±15 V
−30
VO = 20 VPP
VO = 10 VPP
VO = 2 VPP
-100
-95
-90
-85
-80
-70
-60
0
2
4
6
8
10
12
VO - Output Voltage Swing - VPP
-75
-65
HD2
14
16
18
20
HD3
Gain = 5,
RF = 1 kΩ
RL = 100 Ω,
f= 1 MHz
VS = ±15 V
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
0.5
1
1.5
2 2.5
3
3.5
4
4.5
5
VO − Output Voltage − VPP
Gain = 1
RL = 100 Ω
RF = 1.78 kΩ
VS = ±15 V
Fall
Rise
-100
-90
-80
-70
-60
-40
0
2
4
6
8
10
12
VO - Output Voltage Swing - VPP
-50
Gain = 5,
RF = 1 kΩ
RL = 100 Ω,
f= 8 MHz
VS = ±15 V
HD3
HD2
14
16 18 20
0
1000
2000
3000
4000
5000
6000
0
1
2
3
4
5
6
7
8
9
10
VO - Output Voltage - VPP
Gain = 2
RL = 100 Ω
RF = 1.21 kΩ
VS = ±15 V
Fall
Rise
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (
±15 V) (continued)
3RD HARMONIC DISTORTION
2ND HARMONIC DISTORTION
3RD HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
2ND HARMONIC DISTORTION
3RD HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
OUTPUT VOLTAGE SWING
Figure 13.
Figure 14.
Figure 15.
HARMONIC DISTORTION
SLEW RATE
SLEW RATE
vs
vs
vs
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE STEP
OUTPUT VOLTAGE STEP
Figure 16.
Figure 17.
Figure 18.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com