Electronic Components Datasheet Search
  English  ▼

X  

THS3095DDA Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095DDA
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DDA Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS3095DDA Datasheet HTML 19Page - Texas Instruments THS3095DDA Datasheet HTML 20Page - Texas Instruments THS3095DDA Datasheet HTML 21Page - Texas Instruments THS3095DDA Datasheet HTML 22Page - Texas Instruments THS3095DDA Datasheet HTML 23Page - Texas Instruments THS3095DDA Datasheet HTML 24Page - Texas Instruments THS3095DDA Datasheet HTML 25Page - Texas Instruments THS3095DDA Datasheet HTML 26Page - Texas Instruments THS3095DDA Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
www.ti.com
DIE
Side View (a)
DIE
End View (b)
Thermal
Pad
Bottom View (c)
PowerPAD™ DESIGN CONSIDERATIONS
0.140
0.060
0.060
0.010
vias
Top View
0.035
0.080
0.050
0.176
0.030
0.026
0.010
0.035
0.100
0.300
Pin 1
All Units in Inches
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
through onboard transmission lines. For short
in the lead frame being exposed as a thermal pad on
connections, consider the trace and the input to
the underside of the package [see Figure 71(c)].
the next device as a lumped capacitive load.
Because this thermal pad has direct thermal contact
Relatively wide traces (50 mils to 100 mils)
with the die, excellent thermal performance can be
should be used, preferably with ground and
achieved by providing a good thermal path away from
power planes opened up around them. Estimate
the thermal pad. Note that devices such as the
the total capacitive load and determine if isolation
THS3091/5 have no electrical connection between
resistors on the outputs are necessary. Low
the PowerPAD and the die.
parasitic capacitive loads (< 4 pF) may not need
The PowerPAD package allows for both assembly
an RS because the THS3091/5 are nominally
and thermal management in one manufacturing oper-
compensated to operate with a 2-pF parasitic
ation. During the surface-mount solder operation
load. Higher parasitic capacitive loads without an
(when the leads are being soldered), the thermal pad
RS are allowed as the signal gain increases
can also be soldered to a copper area underneath the
(increasing the unloaded phase margin). If a long
package. Through the use of thermal paths within this
trace is required, and the 6-dB signal loss intrin-
copper area, heat can be conducted away from the
sic to a doubly terminated transmission line is
package
into
either
a
ground
plane
or
other
acceptable, implement a matched impedance
heat-dissipating device.
transmission line using microstrip or stripline
techniques (consult an ECL design handbook for
The PowerPAD package represents a breakthrough
microstrip and stripline layout techniques). A
in combining the small area and ease of assembly of
50-
Ω environment is not necessary onboard, and
surface
mount
with
the,
heretofore,
awkward
in
fact,
a
higher
impedance
environment
mechanical methods of heatsinking.
improves distortion as shown in the distortion
versus load plots. With a characteristic board
trace impedance based on board material and
trace dimensions, a matching series resistor into
the trace from the output of the THS3091/5 is
used as well as a terminating shunt resistor at the
input of the destination device. Remember also
that the terminating impedance is the parallel
combination of the shunt resistor and the input
Figure 71. Views of Thermal Enhanced Package
impedance of the destination device; this total
effective impedance should be set to match the
Although there are many ways to properly heatsink
trace impedance. If the 6-dB attenuation of a
the PowerPAD package, the following steps illustrate
doubly terminated transmission line is unaccept-
the recommended approach.
able, a long trace can be series-terminated at the
source end only. Treat the trace as a capacitive
load in this case. This does not preserve signal
integrity as well as a doubly terminated line. If the
input impedance of the destination device is low,
there is some signal attenuation due to the
voltage divider formed by the series output into
the terminating impedance.
•
Socketing a high-speed part like the THS3091/5
is not recommended. The additional lead length
and pin-to-pin capacitance introduced by the
socket can create an extremely troublesome
parasitic network which can make it almost im-
possible to achieve a smooth, stable frequency
response. Best results are obtained by soldering
the THS3091/5 parts directly onto the board.
The
THS3091/5
are
available
in
a
Figure 72. DDA PowerPAD PCB Etch and Via
thermally-enhanced PowerPAD family of packages.
Pattern
These packages are constructed using a downset
leadframe on which the die is mounted [see Fig-
ure 71(a) and Figure 71(b)]. This arrangement results
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com