Electronic Components Datasheet Search
  English  ▼

X  

THS3095DDA Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095DDA
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DDA Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS3095DDA Datasheet HTML 18Page - Texas Instruments THS3095DDA Datasheet HTML 19Page - Texas Instruments THS3095DDA Datasheet HTML 20Page - Texas Instruments THS3095DDA Datasheet HTML 21Page - Texas Instruments THS3095DDA Datasheet HTML 22Page - Texas Instruments THS3095DDA Datasheet HTML 23Page - Texas Instruments THS3095DDA Datasheet HTML 24Page - Texas Instruments THS3095DDA Datasheet HTML 25Page - Texas Instruments THS3095DDA Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
www.ti.com
0
500
1000
1500
2000
2500
100 k
1 M
10 M
100 M
1 G
+
−
1.21 k
Ω 1.21 kΩ
50
Ω VO
f − Frequency − Hz
VS = ±15 V and ±5 V
POWER-DOWN REFERENCE PIN
PRINTED-CIRCUIT BOARD LAYOUT
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
PERFORMANCE
Achieving
optimum
performance
with
a
high-frequency amplifier, like the THS3091/5, re-
quires careful attention to board layout parasitic and
external component types.
Recommendations that optimize performance include:
•
Minimize parasitic capacitance to any ac ground
for all of the signal I/O pins. Parasitic capacitance
on the output and input pins can cause instability.
To reduce unwanted capacitance, a window
around the signal I/O pins should be opened in all
of the ground and power planes around those
pins. Otherwise, ground and power planes should
be unbroken elsewhere on the board.
Figure 70. Power-down Output Impedance vs
Frequency
•
Minimize the distance (< 0.25 in.) from the power
supply pins to high-frequency 0.1-µF and 100-pF
decoupling capacitors. At the device pins, the
As with most current feedback amplifiers, the internal
ground and power plane layout should not be in
architecture places some limitations on the system
close proximity to the signal I/O pins. Avoid
when in power-down mode. Most notably is the fact
narrow power and ground traces to minimize
that the amplifier actually turns ON if there is a
±0.7 V
inductance between the pins and the decoupling
or greater difference between the two input nodes
capacitors. The power supply connections should
(V+ and V-) of the amplifier. If this difference exceeds
always be decoupled with these capacitors.
±0.7 V, the output of the amplifier creates an output
Larger (6.8 µF or more) tantalum decoupling
voltage
equal
to
approximately
capacitors, effective at lower frequency, should
[(V+ - V-) -0.7 V]
×Gain. This also implies that if a
also be used on the main supply pins. These may
voltage is applied to the output while in power-down
be placed somewhat farther from the device and
mode,
the
V-
node
voltage
is
equal
to
may be shared among several devices in the
VO(applied)× RG/(RF + RG). For low gain configurations
same area of the PC board.
and a large applied voltage at the output, the
•
Careful selection and placement of external
amplifier
may
actually
turn
ON
due
to
the
components
preserve
the
high-frequency
aforementioned behavior.
performance of the THS3091/5. Resistors should
The time delays associated with turning the device on
be a low reactance type. Surface-mount resistors
and off are specified as the time it takes for the
work best and allow a tighter overall layout.
amplifier to reach either 10% or 90% of the final
Again, keep their leads and PC board trace
output voltage. The time delays are in the order of
length as short as possible. Never use wirebound
microseconds because the amplifier moves in and out
type resistors in a high-frequency application.
of the linear mode of operation in these transitions.
Because the output pin and inverting input pins
are the most sensitive to parasitic capacitance,
always position the feedback and series output
OPERATION
resistors, if any, as close as possible to the
inverting input pins and output pins. Other net-
In addition to the power-down pin, the THS3095
work components, such as input termination re-
features a reference pin (REF) which allows the user
sistors, should be placed close to the gain-setting
to control the enable or disable power-down voltage
resistors. Even with a low parasitic capacitance
levels applied to the PD pin. In most split-supply
shunting
the
external
resistors,
applications, the reference pin is connected to
excessively high resistor values can create sig-
ground. In either case, the user needs to be aware of
nificant time constants that can degrade perform-
voltage-level thresholds that apply to the power-down
ance. Good axial metal-film or surface-mount
pin. The usable range at the REF pin is from VS- to
resistors have approximately 0.2 pF in shunt with
(VS+ - 4 V).
the resistor. For resistor values > 2 k
Ω, this
parasitic capacitance can add a pole and/or a
zero that can effect circuit operation. Keep re-
TECHNIQUES FOR OPTIMAL
sistor values as low as possible, consistent with
load-driving considerations.
•
Connections to other wideband devices on the
board may be made with short direct traces or
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com