Electronic Components Datasheet Search
  English  ▼

X  

THS3095DDA Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095DDA
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095DDA Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS3095DDA Datasheet HTML 23Page - Texas Instruments THS3095DDA Datasheet HTML 24Page - Texas Instruments THS3095DDA Datasheet HTML 25Page - Texas Instruments THS3095DDA Datasheet HTML 26Page - Texas Instruments THS3095DDA Datasheet HTML 27Page - Texas Instruments THS3095DDA Datasheet HTML 28Page - Texas Instruments THS3095DDA Datasheet HTML 29Page - Texas Instruments THS3095DDA Datasheet HTML 30Page - Texas Instruments THS3095DDA Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
www.ti.com
ADDITIONAL REFERENCE MATERIAL
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
Table 2. Bill of Materials
THS3091DDA and THS3095DDA EVM(1)
SMD
REFERENCE
PCB
MANUFACTURER'S
DISTRIBUTOR'S
ITEM
DESCRIPTION
SIZE
DESIGNATOR
QTY
PART NUMBER
PART NUMBER
1
Bead, Ferrite, 3 A, 80
Ω
1206
FB1, FB2
2
(Steward) HI1206N800R-00
(Digi-Key) 240-1010-1-ND
2
Cap, 6.8 µF, Tanatalum, 50 V, 10%
D
C3, C6
2
(AVX) TAJD685K050R
(Garrett) TAJD685K050R
3
Cap, 0.1 µF, ceramic, X7R, 50 V
0805
C9, C10
2(2)
(AVX) 08055C104KAT2A
(Garrett) 08055C104KAT2A
4
Cap, 0.1 µF, ceramic, X7R, 50 V
0805
C4, C7
2
(AVX) 08055C104KAT2A
(Garrett) 08055C104KAT2A
5
Resistor, 0
Ω, 1/8 W, 1%
0805
R9
1(2)
(KOA) RK73Z2ALTD
(Garrett) RK73Z2ALTD
6
Resistor, 249
Ω, 1/8 W, 1%
0805
R3
1
(KOA) RK73H2ALTD2490F
(Garrett) RK73H2ALTD2490F
7
Resistor, 1 k
Ω, 1/8 W, 1%
0805
R4
1
(KOA) RK73H2ALTD1001F
(Garrett) RK73H2ALTD1001F
8
Open
1206
R8
1
9
Resistor, 0
Ω, 1/4 W, 1%
1206
R1
1
(KOA) RK73Z2BLTD
(Garrett) RK73Z2BLTD
10
Resistor, 49.9
Ω, 1/4 W, 1%
1206
R2, R7
2
(KOA) RK73Z2BLTD49R9F
(Garrett) RK73Z2BLTD49R9F
11
Open
2512
R5, R6
2
Header, 0.1-inch centers,
12
JP1, JP2
2 (2)
(Sullins) PZC36SAAN
(Digi-Key) S1011-36-ND
0.025-inch square pins
13
Connector, SMA PCB Jack
J1, J2, J3
3
(Amphenol) 901-144-8RFX
(Newark) 01F2208
Jack, banana receptacle,
14
J4, J5, J6
3
(SPC) 813
(Newark) 39N867
0.25-inch. dia. hole
15
Test point, black
TP1, TP2
2
(Keystone) 5001
(Digi-Key) 5001K-ND
Standoff, 4-40 hex,
16
4
(Keystone) 1808
(Newark) 89F1934
0.625-inch length
Screw, Phillips, 4-40,
17
4
SHR-0440-016-SN
0.25-inch
IC, THS3091(3)
(TI) THS3091DDA(3)
18
U1
1
IC, THS3095(2)
(TI) THS3095DDA(2)
(TI) EDGE # 6446289 Rev. A(3)
19
Board, printed-circuit
1
(TI) EDGE # 6446290 Rev. A(2)
(1)
All items are designated for both the THS3091DDA and THS3095 EVMs unless otherwise noted.
(2)
THS3095 EVM only.
(3)
THS3091 EVM only.
•
PowerPAD™ Made Easy, application brief (SLMA004)
•
PowerPAD™ Thermally Enhanced Package, technical brief (SLMA002)
•
Voltage Feedback vs Current Feedback Amplifiers, (SLVA051)
•
Current Feedback Analysis and Compensation (SLOA021)
•
Current Feedback Amplifiers: Review, Stability, and Application (SBOA081)
•
Effect of Parasitic Capacitance in Op Amp Circuits (SLOA013)
•
Expanding
the
Usability
of
Current-Feedback
Amplifiers,
3Q
2003
Analog
Applications
Journal
(www.ti.com/sc/analogapps).
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com