Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 5Page - Texas Instruments THS4271 Datasheet HTML 6Page - Texas Instruments THS4271 Datasheet HTML 7Page - Texas Instruments THS4271 Datasheet HTML 8Page - Texas Instruments THS4271 Datasheet HTML 9Page - Texas Instruments THS4271 Datasheet HTML 10Page - Texas Instruments THS4271 Datasheet HTML 11Page - Texas Instruments THS4271 Datasheet HTML 12Page - Texas Instruments THS4271 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
9
TYPICAL CHARACTERISTICS (
±5 V GRAPHS)
Figure 1
−4
−3
−2
−1
0
1
2
3
4
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
SMALL SIGNAL UNITY GAIN
FREQUENCY RESPONSE
Gain = 1
RL = 150 Ω
VO = 100 mVPP
VS = ±5 V
Figure 2
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
SMALL SIGNAL FREQUENCY RESPONSE
Gain = 10
Gain = 5
Gain = 2
Gain = −1
RL = 499 Ω
Rf = 249 Ω
VO = 100 mVPP
VS = ±5 V
Figure 3
−1
−0.9
−0.8
−0.7
−0.6
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.1
100 k
1 M
10 M
100 M
1 G
Gain = 1
RL = 150 Ω
VO = 100 mVPP
VS = ±5 V
f − Frequency − Hz
0.1 dB GAIN FLATNESS
FREQUENCY RESPONSE
Figure 4
0
2
4
6
8
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
LARGE SIGNAL FREQUENCY RESPONSE
RL = 499 Ω
Rf = 249 Ω
VO = 1 VPP
VS = ±5 V
Gain = 10
Gain = 5
Gain = 2
Figure 5
0
200
400
600
800
1000
1200
0
0.5
1
1.5
2
2.5
3
3.5
4 4.5
5
VO − Output Voltage − V
SLEW RATE
vs
OUTPUT VOLTAGE
Gain = −1
RL = 499 Ω
Rf = 249 Ω
VS = ±5 V
Fall
Rise
Figure 6
−100
−90
−80
−70
−60
−50
1
10
100
HARMONIC DISTORTION
vs
FREQUENCY
f − Frequency − MHz
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 150Ω
HD3, RL = 499Ω
Gain = 1
VO = 1 VPP
VS = ±5 V
Figure 7
−100
−90
−80
−70
−60
−50
1
10
100
HD2, RL = 499Ω
HD3, RL = 150Ω
HD3, RL = 499Ω
Gain = 1
VO = 2 VPP
VS = ±5 V
HARMONIC DISTORTION
vs
FREQUENCY
f − Frequency − MHz
HD2, RL = 150Ω
Figure 8
−100
−90
−80
−70
−60
−50
1
10
100
HARMONIC DISTORTION
vs
FREQUENCY
f − Frequency − MHz
Gain = 2
Rf = 249 Ω
VO = 1 VPP
VS = ±5 V
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 499Ω
HD3, RL = 150Ω
Figure 9
−100
−90
−80
−70
−60
−50
1
10
100
HARMONIC DISTORTION
vs
FREQUENCY
f − Frequency − MHz
Gain = 2
Rf = 249 Ω
VO = 2 VPP
VS = ±5 V
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 150Ω
HD3, RL = 499Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com