Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 4 Page - Texas Instruments

  THS4271 Datasheet HTML 1Page - Texas Instruments THS4271 Datasheet HTML 2Page - Texas Instruments THS4271 Datasheet HTML 3Page - Texas Instruments THS4271 Datasheet HTML 4Page - Texas Instruments THS4271 Datasheet HTML 5Page - Texas Instruments THS4271 Datasheet HTML 6Page - Texas Instruments THS4271 Datasheet HTML 7Page - Texas Instruments THS4271 Datasheet HTML 8Page - Texas Instruments THS4271 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS VS = ±5 V (continued)
RF = 249 Ω, RL = 499 Ω, G = +2, unless otherwise noted.
TYP
OVER TEMPERATURE
MIN/
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
−40
°C to
85
°C
UNITS
MIN/
TYP/
MAX
DC PERFORMANCE
Open-loop voltage gain (AOL)
VO = ± 50 mV, RL = 499 Ω
75
65
60
60
dB
Min
Input offset voltage
VCM = 0 V
5
10
12
12
mV
Max
Average offset voltage drift
VCM = 0 V
±10
±10
µV/°C
Typ
Input bias current
VCM = 0 V
6
15
18
18
µA
Max
Average bias current drift
VCM = 0 V
±10
±10
nA/
°C
Typ
Input offset current
VCM = 0 V
1
6
8
8
µA
Max
Average offset current drift
VCM = 0 V
±10
±10
nA/
°C
Typ
INPUT CHARACTERISTICS
Common-mode input range
±4
±3.6
±3.5
±3.5
V
Min
Common-mode rejection ratio
VCM = ± 2 V
72
67
65
65
dB
Min
Input resistance
Common-mode
5
M
Ω
Typ
Input capacitance
Common-mode / differential
0.4/0.8
pF
Typ
OUTPUT CHARACTERISTIC8
Output voltage swing
G = +2
±4
±3.8
±3.7
±3.7
V
Min
Output current (sourcing)
RL = 10 Ω
160
120
110
110
mA
Min
Output current (sinking)
RL = 10 Ω
80
60
50
50
mA
Min
Output impedance
f = 1 MHz
0.1
Ω
Typ
POWER SUPPLY
Specified operating voltage
±5
±7.5
±7.5
±7.5
V
Max
Maximum quiescent current
22
24
27
28
mA
Max
Minimum quiescent current
22
20
18
15
mA
Min
Power supply rejection (+PSRR)
VS+ = 5.5 V to 4.5 V, VS− = 5 V
85
75
70
70
dB
Min
Power supply rejection (−PSRR)
VS+ = 5 V,
VS− = −5.5 V to −4.5 V
75
65
60
60
dB
Min
POWER-DOWN CHARACTERISTICS (THS4275 only)
(1)
REF = 0 V,
Enable
REF+1.8
V
Min
Power-down voltage level(1)
REF = 0 V,
or VS−
Power down
REF+1
V
Max
Power-down voltage level(1)
REF = VS+ or
Enable
REF−1
V
Min
REF = VS+ or
Floating
Power down
REF−1.7
V
Max
Power-down quiescent current
PD = Ref +1.0 V, Ref = 0 V
875
1000
1100
1200
µA
Max
Power-down quiescent current
PD = Ref −1.7 V, Ref = VS+
650
800
900
1000
µA
Max
Turnon time delay(t(ON))
50% of final supply current value
4
µs
Typ
Turnoff time delay (t(OFF))
50% of final supply current value
3
µs
Typ
Input impedance
f = 1 MHz
4
G
Ω
Typ
Output impedance
200
k
Ω
Typ
(1) For detail information on the power-down circuit, see the powerdown section in the application information of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com