Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 7Page - Texas Instruments THS4271 Datasheet HTML 8Page - Texas Instruments THS4271 Datasheet HTML 9Page - Texas Instruments THS4271 Datasheet HTML 10Page - Texas Instruments THS4271 Datasheet HTML 11Page - Texas Instruments THS4271 Datasheet HTML 12Page - Texas Instruments THS4271 Datasheet HTML 13Page - Texas Instruments THS4271 Datasheet HTML 14Page - Texas Instruments THS4271 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
11
Figure 19
0
0.005
0.010
0.015
0.020
0.025
0.030
012345678
Number of Loads − 150
Ω
DIFFERENTIAL GAIN
vs
NUMBER OF LOADS
Gain = 2
Rf = 1.3 kΩ
VS = ±5 V
40 IRE − NTSC and Pal
Worst Case
±100 IRE Ramp
NTSC
PAL
Figure 20
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
1
234
56
7
8
Number of Loads − 150
Ω
DIFFERENTIAL PHASE
vs
NUMBER OF LOADS
Gain = 2
Rf = 1.3 kΩ
VS = ±5 V
40 IRE − NTSC and Pal
Worst Case
±100 IRE Ramp
NTSC
PAL
°
Figure 21
−3
−2
−1
0
1
2
3
0
5
10
15
20
25
t − Time − ns
SETTLING TIME
Gain = −1
RL = 499 Ω
Rf = 249 Ω
f= 1 MHz
VS = ±5 V
Rising Edge
Falling Edge
Figure 22
0
5
10
15
20
25
30
2
2.5
3
3.5
4
4.5
5
TA = −40°C
VS − Supply Voltage − ±V
QUIESCENT CURRENT
vs
SUPPLY VOLTAGE
TA = 85°C
TA = 25°C
Figure 23
−5
−4
−3
−2
−1
0
1
2
3
4
5
10
100
1 k
10 k
RL − Load Resistance − Ω
OUTPUT VOLTAGE
vs
LOAD RESISTANCE
VS = ±5 V
TA = −40 to 85°C
Figure 24
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1 M
10 M
100 M
Capacitive Load − Hz
FREQUENCY RESPONSE
vs
CAPACITIVE LOAD
RL = 499 Ω
VS =±5 V
R(ISO) = 25 Ω CL = 10 pF
R(ISO) = 15 Ω CL = 100 pF
R(ISO) = 10 Ω CL = 50 pF
Figure 25
−10
0
10
20
30
40
50
60
70
80
10 k
100 k
1 M
10 M
100 M
1 G
180
160
140
120
100
80
60
40
20
0
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
f − Frequency − Hz
VS = ±5 V
Gain
Phase
Figure 26
50
55
60
65
70
75
80
85
2.5
3
3.5
4
4.5
5
OPEN-LOOP GAIN
vs
CASE TEMPERATURE
Case Temperature −
°C
TA = −40°C
TA = 25°C
TA = 85°C
Figure 27
0
10
20
30
40
50
60
70
80
90
100
10 k
100 k
1 M
10 M
100 M
CMRR
PSRR+
VS = ±5 V
REJECTION RATIOS
vs
FREQUENCY
f − Frequency − Hz
PSRR−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com