Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 25Page - Texas Instruments THS4271 Datasheet HTML 26Page - Texas Instruments THS4271 Datasheet HTML 27Page - Texas Instruments THS4271 Datasheet HTML 28Page - Texas Instruments THS4271 Datasheet HTML 29Page - Texas Instruments THS4271 Datasheet HTML 30Page - Texas Instruments THS4271 Datasheet HTML 31Page - Texas Instruments THS4271 Datasheet HTML 32Page - Texas Instruments THS4271 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
29
In order to achieve the maximum performance of the
device, PCB layout is very critical. Texas Instruments has
developed an EVM for the evaluation of the THS4271 in a
gain of 1. The EVM is shown in Figure 101 through
Figure 104. This EVM is designed to minimize peaking in
the unity gain configuration.
Minimizing the inductance in the feedback path is critical
for reducing the peaking of the frequency response in unity
gain. The recommended maximum inductance allowed in
the feedback path is 4 nH. This can be calculated by using
Equation 8.
L(nH)
+ K ln 2
W
) T )
0.223 W ) T
) 0.5
where:
W = Width of trace in inches.
= Length of the trace in inches
.
T = Thickness of the trace in inches.
K = 5.08 for dimensions in inches, and K = 2 for dimensions
in cm.
Figure 95. THS4271/THS4275 EVM Circuit
Configuration
R1
R5
J2
Vin+
R6
Vs+
U1
2
3
6
7
41
8
J8
Power Down Ref
Vs+
R8
C8
Vs −
R4
R7
C7
J9
Power Down
R2
J4
Vout
Vs −
R9
R3
J1
Vin−
TP1
+
C1
VS−
J7
C6
C5
C2
VS+
J5
+
FB2
C4
C3
FB1
VS−
GND
VS+
J6
_
+
Figure 96. THS4271/THS4275 EVM Board
Layout (Top Layer)
Figure 97. THS4271/THS4275 EVM Board
Layout (Second Layer, Ground)
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com