Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 8Page - Texas Instruments THS4271 Datasheet HTML 9Page - Texas Instruments THS4271 Datasheet HTML 10Page - Texas Instruments THS4271 Datasheet HTML 11Page - Texas Instruments THS4271 Datasheet HTML 12Page - Texas Instruments THS4271 Datasheet HTML 13Page - Texas Instruments THS4271 Datasheet HTML 14Page - Texas Instruments THS4271 Datasheet HTML 15Page - Texas Instruments THS4271 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
12
Figure 28
0
20
40
60
80
100
120
−40−30−20−100
10 20 30 40 50 60 70 80 90
REJECTION RATIOS
vs
CASE TEMPERATURE
Case Temperature −
°C
PSRR+
VS = ±5 V
PSRR−
CMMR
Figure 29
0
10
20
30
40
50
60
70
80
90
100
−6
−4
−2
0246
Input Common-Mode Range − V
COMMON-MODE REJECTION RATIO
vs
INPUT COMMON-MODE RANGE
VS = ±5 V
TA = 25°C
Figure 30
0
1
2
3
4
5
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
VS = 5 V
VS = ±5 V
TC − Case Temperature − °C
INPUT OFFSET VOLTAGE
vs
CASE TEMPERATURE
Figure 31
0
1
2
3
4
5
6
7
8
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
1.09
1.1
1.11
1.12
1.13
1.14
1.15
1.16
1.17
INPUT BIAS AND OFFSET CURRENT
vs
CASE TEMPERATURE
TC − Case Temperature − °C
VS = ±5 V
IIB−
IIB+
IOS
Figure 32
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
02
46
t − Time − ns
SMALL SIGNAL TRANSIENT RESPONSE
Gain = −1
RL = 499 Ω
Rf = 249 Ω
tr/tf = 300 ps
VS = ±5 V
8
101214
16
Figure 33
−1.5
−1
−0.5
0
0.5
1
1.5
02
4
6810
12 14
16 18
t − Time − ns
LARGE SIGNAL TRANSIENT RESPONSE
Gain = −1
RL = 499 Ω
Rf = 249 Ω
tr/tf = 300 ps
VS = ±5 V
Figure 34
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
6
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
t − Time −
µs
OVERDRIVE RECOVERY
VS = ±5 V
Figure 35
0.001
0.01
0.1
1
10
100
1000
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
CLOSED-LOOP OUTPUT IMPEDANCE
vs
FREQUENCY
Gain = 1
RL = 499 Ω
PIN = −1 dBm
VS = ±5 V
Figure 36
0
200
400
600
800
1000
1200
2.5
3
3.5
4
4.5
5
VS − Supply Voltage − ±V
POWER-DOWN QUIESCENT CURRENT
vs
SUPPLY VOLTAGE
TA = 85°C
TA = 25°C
TA = −40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com