Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 6Page - Texas Instruments THS4271 Datasheet HTML 7Page - Texas Instruments THS4271 Datasheet HTML 8Page - Texas Instruments THS4271 Datasheet HTML 9Page - Texas Instruments THS4271 Datasheet HTML 10Page - Texas Instruments THS4271 Datasheet HTML 11Page - Texas Instruments THS4271 Datasheet HTML 12Page - Texas Instruments THS4271 Datasheet HTML 13Page - Texas Instruments THS4271 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
10
Figure 10
−100
−90
−80
−70
−60
−50
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO − Output Voltage Swing − VPP
Gain = 1
f= 8 MHz
VS = ±5 V
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 150Ω
HD3, RL = 499Ω
Figure 11
−100
−90
−80
−70
−60
−50
01
23
45
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO − Output Voltage Swing − VPP
Gain = 1
f= 32 MHz
VS = ±5 V
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 150Ω
HD3, RL = 499Ω
Figure 12
−100
−90
−80
−70
−60
−50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO − Output Voltage Swing − VPP
Gain = 2
Rf = 249 Ω
f = 8 MHz
VS = ±5 V
HD3, RL = 150Ω
HD2, RL = 499Ω
HD3, RL = 499Ω
HD2, RL = 150Ω
Figure 13
−100
−90
−80
−70
−60
−50
01
2
3
45
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO − Output Voltage Swing − VPP
Gain = 2
Rf = 249 Ω
f = 32 MHz
VS = ±5 V
HD3,
RL = 150Ω
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3,
RL = 499Ω
Figure 14
−100
−90
−80
−70
−60
−50
−40
10
100
THIRD ORDER INTERMODULATION
DISTORTION
vs
FREQUENCY
f − Frequency − MHz
Gain = 1
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
VO = 2 VPP
VO = 1 VPP
Figure 15
30
35
40
45
50
55
0
2040
6080
100
f − Frequency − MHz
THIRD ORDER OUTPUT INTERCEPT
POINT
vs
FREQUENCY
Gain = 1
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
VO = 1 VPP
VO = 2 VPP
Figure 16
−100
−90
−80
−70
−60
−50
−40
10
100
THIRD ORDER INTERMODULATION
DISTORTION
vs
FREQUENCY
f − Frequency − MHz
VO = 2 VPP
VO = 1 VPP
Gain = 2
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
Figure 17
30
35
40
45
50
0
20
40
60
80
100
VO = 2 VPP
VO = 1 VPP
Gain = 2
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
f − Frequency − MHz
THIRD ORDER OUTPUT INTERCEPT
POINT
vs
FREQUENCY
Figure 18
1
10
100
100
1 k
10 k
100 k
1 M
Vn
In
f − Frequency − Hz
VOLTAGE AND CURRENT NOISE
vs
FREQUENCY
10 M
100 M
1
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com